Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR40 Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MTR40 Datasheet HTML 3Page - Interpoint Corporation Company MTR40 Datasheet HTML 4Page - Interpoint Corporation Company MTR40 Datasheet HTML 5Page - Interpoint Corporation Company MTR40 Datasheet HTML 6Page - Interpoint Corporation Company MTR40 Datasheet HTML 7Page - Interpoint Corporation Company MTR40 Datasheet HTML 8Page - Interpoint Corporation Company MTR40 Datasheet HTML 9Page - Interpoint Corporation Company MTR40 Datasheet HTML 10Page - Interpoint Corporation Company MTR40 Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
BOTTOM VIEW
MTR SINGLE
FLANGED AND NON-FLANGED
Dot on top of cover indicates pin one.
Dotted line outlines flanged package option.
6
10
7
8
9
1
2
3
4
5
Figure 7: pin out single output MoDels
See “Figure 38: Case H2 – Single and 883 Dual Models” on page 20 and
“Figure 41: Case K3 – Single and Dual 883 Models” on page 23 for dimensions.
BOTTOM VIEW
MTR DUAL
FLANGED AND NON-FLANGED
Dot on top of cover indicates pin one.
6
10
7
8
9
1
2
3
4
5
Dotted line outlines flanged package option.
Figure 9: pin out Dual output MoDels
See “Figure 38: Case H2 – Single and 883 Dual Models” on page 20,
“Figure 39: Case H4 – Dual Models - non 883” on page 21, “Figure 41:
Case K3 – Single and Dual 883 Models” on page 23 and “Figure 42:
Case K5 – Dual Models - non 883” on page 24 for dimensions.
BOTTOM VIEW
MTR TRIPLE
FLANGED AND NON-FLANGED
Dotted line outlines flanged package option.
10
9
8
7
6
1
2
3
4
5
Squared corner and dot on top
of package indicate pin one.
Figure 8: pin out triple output MoDels
See “Figure 37: Case F1 – Triple Models” on page 19 and “Figure 40:
Case J1 – Triple Models” on page 22 for dimensions.
PIN OuT
Pin
Single Output
Dual Output
Triple Output
1
Positive Input
Positive Input
Positive Input
2
Inhibit
Inhibit
Main (+5) Output
3
Sense Return
Positive Output
Output Common
4
Output Common
Output Common
Neg. Aux. Output
5
Positive Output
Negative Output
Pos. Aux. Output
6
Positive Sense
Case Ground
Case Ground
7
Case Ground
Case Ground
Case Ground
8
Case Ground
Case Ground
Inhibit
9
Sync
Sync
Sync
10
Input Common
Input Common
Input Common
PINS NOT IN uSE
Inhibit
Leave unconnected
Sync In
Connect to input common
Sense Lines
Must be connected to
appropriate outputs
table 1: pin out
table 2: pins not in use
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 7 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com