Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR40 Datasheet(PDF) 26 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 26 Page - Interpoint Corporation Company

Back Button MTR40 Datasheet HTML 18Page - Interpoint Corporation Company MTR40 Datasheet HTML 19Page - Interpoint Corporation Company MTR40 Datasheet HTML 20Page - Interpoint Corporation Company MTR40 Datasheet HTML 21Page - Interpoint Corporation Company MTR40 Datasheet HTML 22Page - Interpoint Corporation Company MTR40 Datasheet HTML 23Page - Interpoint Corporation Company MTR40 Datasheet HTML 24Page - Interpoint Corporation Company MTR40 Datasheet HTML 25Page - Interpoint Corporation Company MTR40 Datasheet HTML 26Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
table 13: environMental sCreening
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
MTR (40) Single, Dual and Triple, MTR-01 RevAA- 2013.09.04 This revision supersedes all previous releases.All technical information is believed to be
accurate, but no responsibility is assumed for errors or omissions. Crane Electronics, Inc. reserves the right to make changes in products or specifications
without notice. Interpoint and MTR Series are trademarks of Crane Electronics, Inc. Copyright © 1999 - 2013 Crane Electronics, Inc. All rights reserved.
www.craneae.com/interpoint
Page 26 of 26
28 (16-40) VOlT INPuT – 30 WaTT
Table is for reference only. See individual Series' datasheets for specific screening.
table 6: environMental sCreening–high reliability stanDarD, /es anD /883 (Class h)
StanDarD anD /eS (nOn-Qml) anD /883 (ClaSS h, Qml)
mil-prf-38534 enVirOnmental SCreening
nOn
-Qml 1
Qml
teSt perfOrmeD
StanDarD
/eS
ClaSS h
/883
Pre-cap Inspection, method 2017, 2032
n
n
n
Temperature Cycle (10 times)
Method 1010, Cond. C, -65°C to +150°C, ambient
n
Method 1010, Cond. B, -55°C to +125°C, ambient
n
Constant acceleration
Method 2001, 3000 g
n
Method 2001, 500 g
n
burn-in method 1015, +125°C case, typical 2
96 hours
n
160 hours
n
Final Electrical Test, mIl-PRF-38534, group a,
Subgroups 1 through 6, -55°C, +25°C, +125°C case
n
Subgroups 1 and 4, +25°C case
n
n
n
Hermeticity Test
Gross Leak, Method 1014, Cond. C
n
n
Fine Leak, Method 1014, Cond. A
n
n
Gross Leak, Dip
n
Final visual inspection, method 2009
n
n
n
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. Standard and /ES, non-QML products, may not meet all of the requirements of MIL-PRF-38534.
2. Burn-in temperature designed to bring the case temperature to +125°C minimum. Burn-in is a powered test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com