Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR40 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MTR40 Datasheet HTML 2Page - Interpoint Corporation Company MTR40 Datasheet HTML 3Page - Interpoint Corporation Company MTR40 Datasheet HTML 4Page - Interpoint Corporation Company MTR40 Datasheet HTML 5Page - Interpoint Corporation Company MTR40 Datasheet HTML 6Page - Interpoint Corporation Company MTR40 Datasheet HTML 7Page - Interpoint Corporation Company MTR40 Datasheet HTML 8Page - Interpoint Corporation Company MTR40 Datasheet HTML 9Page - Interpoint Corporation Company MTR40 Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Notes for Remote Sense and Trim
1. When trimming output voltage and/or remote sensing, the total output voltage increase must be
less than 0.6 volts at the converters pins. Do not exceed the maximum power.
2. If neither voltage trim nor remote sense will be used, connect pin 3 to pin 4 and pin 5 to pin 6.
3. CAUTION: The converter will be permanently damaged if the remote sense (pin 6) is shorted to
ground. Damage may also result if the output common or positive output is disconnected from
the load with the remote sense leads connected to the load.
4. When using remote sense for voltage compensation or when using remote sense for trim, the
output will drift over temperature. Contact Applications Engineering for more information at
powerapps@crane-eg.com
EXTERNAL TRIM CONNECTION
1 Make connections at converter.
RL
OUTPUT
COMMON
MTR SINGLE OUTPUT CONVERTER
4
3
5
10
1
+VIN
INPUT
COMMON
6
SENSE
RETURN
SENSE
POSITIVE
OUTPUT
RT
1
1
Figure 5: triM ConneCtion 1, 2, 3
Trim Formulas
Vout = desired output voltage; Rt = trim resistor
3.3V: Rt = 1300 * Vout – 4304
1.2475
5V: Rt = 1300 * Vout – 6512
1.2475
12V: Rt = 1300 * Vout – 15631
1.2475
15V: Rt = 1300 * Vout – 19498
1.2475
RL
OUTPUT
COMMON
REMOTE SENSE CONNECTION
2 Make connections at load.
MTR SINGLE OUTPUT CONVERTER
4
3
5
10
1
+VIN
INPUT
COMMON
6
SENSE
RETURN
SENSE
POSITIVE
OUTPUT
2
2
Figure 6: reMote sense ConneCtion 4
TRIm aND REmOTE SENSE (aVaIlablE ON SINglE 5, 12 aND 15 OuTPuT mODElS ONly)
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 6 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com