Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR40 Datasheet(PDF) 13 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 13 Page - Interpoint Corporation Company

Back Button MTR40 Datasheet HTML 9Page - Interpoint Corporation Company MTR40 Datasheet HTML 10Page - Interpoint Corporation Company MTR40 Datasheet HTML 11Page - Interpoint Corporation Company MTR40 Datasheet HTML 12Page - Interpoint Corporation Company MTR40 Datasheet HTML 13Page - Interpoint Corporation Company MTR40 Datasheet HTML 14Page - Interpoint Corporation Company MTR40 Datasheet HTML 15Page - Interpoint Corporation Company MTR40 Datasheet HTML 16Page - Interpoint Corporation Company MTR40 Datasheet HTML 17Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Notes
1. Guaranteed by design and/or analysis. Not an in-line test.
2. MTR2805D (standard and /ES) is specified at 25°C only.
3. Up to 90% of the total output current/power is available from either output
providing the positive output is carrying at least 10% of the total output power.
4. Operation is limited below 16 V. See “Figure 27” on page 17.
5. Effect on negative VOUT from 50%/50% loads to 80%/20% or 20%/80% loads.
6. Effect on negative VOUT from 50%/50% loads to 90%/10% or 10%/90% loads.
See “Figure 25” on page 17.
7. Tested with 6800 pF ceramic bypass capacitor connected externally from input
common to case.
8. Indefinite short circuit protection not guaranteed above 125°C case.
8. Recovery time is measured from application of the transient to point at which
VOUT is within 1% of final value.
10. Tested on release from inhibit.
DUAL OUTPUT MODELS - STaNDaRD aND /ES
MTR2805D 2
MTR2812D
MTR2815D
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
+ VOUT
4.850
5.00
5.150 11.88 12.00 12.12 14.85 15.00 15.15
VDC
- VOUT
4.825
5.00
5.172 11.58 12.00 12.42 14.47 15.00 15.53
OUTPUT CURRENT 3
EITHER OUTPUT
0
2.5
4.5 1
0
1.25
2.25 1
0
1.00
1.80 1
A
VIN = 16 TO 40 VDC
TOTAL OUTPUT
5
2.5
2.00
OUTPUT POWER 3
EITHER OUTPUT
0
12.5
22.5 1
0
15
27 1
0
15
27 1
W
VIN = 16 to 40 VDC
TOTAL OUTPUT
25
30
30
OUTPUT RIPPLE
TC = 25°C
20
80
30
80
25
80
mV p-p
10 kHz - 2 MHz ± VOUT
TC = -55°C TO +125°C
40
120
40
120
LINE REGULATION 4
+ VOUT
10
50
10
50
10
50
mV
VIN = 16 TO 40 VDC
- VOUT
50
100
50
150
50
180
LOAD REGULATION
+ VOUT
5
50
15
50
15
50
mV
NO LOAD TO FULL
- VOUT
25
100
30
150
30
180
CROSS REGULATION 1
SEE NOTE 5
4
6
4
6
4
6
%
EFFECT ON -VOUT, 25°C
SEE NOTE 6
7
12
4
8.3
3
8
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 msec.1
0
50
0
50
0
50
V
INPUT CURRENT
NO LOAD
35
50
50
75
50
75
mA
INHIBITED
3
8
3
8
3
8
INPUT RIPPLE CURRENT 7 10 kHz - 10 MHz
15
40
20
50
20
50
mA p-p
EFFICIENCY
TC = 25°C
76
78
78
81
80
83
%
BALANCED LOAD
TC = -55°C TO +125°C
76
77
LOAD FAULT 8
POWER DISSIPATION
10
12
10
12
10
12
W
SHORT CIRCUIT
RECOVERY 1
1.4
5.0
1.4
5.0
1.4
5.0
ms
STEP LOAD RESPONSE
TRANSIENT
±200
±300
±150
±300
±200
±400
mV pk
50% - 100% - 50% ± VOUT RECOVERY 1, 9
100
200
100
200
100
200
µs
STEP LINE RESPONSE 1
TRANSIENT 9
±200
±400
±200
±400
±400
±500
mV pk
16 - 40 -16 VDC ± VOUT
RECOVERY 9
300
300
300
µs
START-UP 10
DELAY
1.4
5
1.4
5
1.4
5
ms
FULL LOAD
OVERSHOOT 1
0
180
0
120
0
150
mV pk
CAPACITIVE LOAD 1
TC = 25°C
NO EFFECT ON DC
PERFORMANCE
500
500
500
µF
table 9: eleCtriCal CharaCteristiCs: -55°C to +125°C tC, 28 vDC vin, 100% loaD, Free run, unless otherWise speCiFieD.
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 13 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com