Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR40 Datasheet(PDF) 14 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 14 Page - Interpoint Corporation Company

Back Button MTR40 Datasheet HTML 10Page - Interpoint Corporation Company MTR40 Datasheet HTML 11Page - Interpoint Corporation Company MTR40 Datasheet HTML 12Page - Interpoint Corporation Company MTR40 Datasheet HTML 13Page - Interpoint Corporation Company MTR40 Datasheet HTML 14Page - Interpoint Corporation Company MTR40 Datasheet HTML 15Page - Interpoint Corporation Company MTR40 Datasheet HTML 16Page - Interpoint Corporation Company MTR40 Datasheet HTML 17Page - Interpoint Corporation Company MTR40 Datasheet HTML 18Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Notes
1. Guaranteed by design and/or analysis. Not an in-line test.
2. The sum of the two aux outputs is not to exceed 10 watts. The maximum
load per aux output is 9 watts.
3. To maintain regulation when operating the ±aux at full load, a minimum
load of 300 mA is required on the main.
4. Measured on each output one at a time with the other outputs at full load.
5. Indefinite short circuit protection not guaranteed above 125°C (case).
6. Response of each output as all outputs are simultaneously transitioned.
Main: 50% - 100% - 50% of main full load
Auxiliaries: 25% - 50% - 25% each, of total auxiliary full load
7. Recovery time is measured from application of the transient to point at
which VOUT is within 1% of regulation.
8. Tested on release from inhibit.
table 10: eleCtriCal CharaCteristiCs: -55°C to +125°C tC, 28 vDC vin, 100% loaD, Free run, unless otherWise speCiFieD.
TRIPLE OUTPUT MODEL – MTR28512T
5 (MAIN)
±12 (AUXILIARIES)
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
4.85
5.00
5.15 ±11.58 12.00 ±12.42
VDC
OUTPUT CURRENT 2
0.3
—
4.0
0
±0.416 0.750 1
A
VIN = 16 to 40 VDC
TOTAL
—
—
—
—
—
0.833
OUTPUT POWER 2
0
—
20
0
±5
9.00 1
W
VIN = 16 to 40 VDC
TOTAL
—
—
—
—
—
10
OUTPUT RIPPLE
TC = 25°C
—
50
125
—
20
60
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
—
—
180
—
—
60
LINE REGULATION
VIN= 16 to 40 VDC
—
10
20
—
25
75
mV
LOAD REGULATION 3, 4
—
10
50
—
30
75
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
—
—
—
VDC
TRANSIENT 50 ms 1
—
—
50
—
—
—
V
INPUT CURRENT
NO LOAD
—
70
110
—
—
—
mA
INHIBITED
—
3.0
6
—
—
—
INPUT RIPPLE CURRENT
10 kHz - 10 MHz
—
20
80
—
—
—
mA p-p
EFFICIENCY
TC = 25°C
72
75
—
—
—
—
%
TC = -55°C TO +125°C
70
—
—
—
—
—
LOAD FAULT 5
POWER DISSIPATION
—
—
14
—
—
14
W
ALL OUTPUTS SHORTED
RECOVERY 1
—
4
6.0
—
4
6.0
ms
STEP LOAD RESPONSE
TRANSIENT 6
—
—
±400
—
—
±1500 mV pk
RECOVERY 7
—
—
0.300
—
—
6
ms
STEP LINE RESPONSE 1
TRANSIENT
—
—
±800
—
—
±800
mV pk
16 - 40 - 16 VIN
RECOVERY 7
—
—
5
—
—
5
ms
START-UP 8
DELAY
—
4
6.0
—
4
6.0
ms
OVERSHOOT 1
—
—
500
—
—
1500
mV pk
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 14 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com