Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR40 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MTR40 Datasheet HTML 1Page - Interpoint Corporation Company MTR40 Datasheet HTML 2Page - Interpoint Corporation Company MTR40 Datasheet HTML 3Page - Interpoint Corporation Company MTR40 Datasheet HTML 4Page - Interpoint Corporation Company MTR40 Datasheet HTML 5Page - Interpoint Corporation Company MTR40 Datasheet HTML 6Page - Interpoint Corporation Company MTR40 Datasheet HTML 7Page - Interpoint Corporation Company MTR40 Datasheet HTML 8Page - Interpoint Corporation Company MTR40 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DESCRIPTION
The Interpoint™ MTR Series™ of dc-dc converters offers up
to 30 watts of output power from single, dual, or triple output
configurations. MTR (40) models have an input voltage range
of 16 to 40 and transient protection up to 50 Vin for up to 50
milliseconds. They operate over the full military temperature
range with up to 84% efficiency. MTR converters are packaged
in hermetically sealed metal cases, making them ideal for use
in military, aerospace and other high reliability applications. The
converters are offered with standard screening, “ES” screening,
or fully compliant to “883” MIL-PRF-38534 Class H screening.
See “Table 12: Element Evaluation” on page 25 and “Table 13:
Environmental Screening” on page 26 for more information.
Standard microcircuit drawings (SMD) are available. See
“Table 3: SMD Number Cross Reference” on page 8.
Converter Design
The MTR converters are constant frequency, pulse-width
modulated switching regulators which use a quasi-square wave,
single ended, forward converter design. Tight load regulation is
maintained via wide bandwidth magnetic feedback and, on single
output models, through use of remote sense. On dual output
models, the positive output is independently regulated and the
negative output is cross regulated through the use of tightly
coupled magnetics. The MTR Series triple output dc-dc
converter’s design includes individual regulators on the auxiliary
outputs which provide for no cross regulation error when a
minimum 300 mA load is maintained on the main (+5) output.
Indefinite short circuit protection and overload protection are
provided by a constant current-limit feature. This protective
system senses current in the converter’s secondary stage and
limits it to approximately 125% of the maximum rated output
current.
MTR converters are provided with internal filtering capacitors
that help reduce the need for external components in normal
operation. Use our FMCE-0328™, FMCE-0528™ or FMCE-
0828™ EMI filter to meet the requirements of MIL-STD-461C
CE03 and CS01 and/or MIL-STD-461D, E and F CE102 and
CS101 levels of conducted emissions. Or use the FM-704A for
transient suppression and to meet MIL-STD-461C CE03.
Cover Marking
The cover marking for the MTR 40 is “MTR DC-DC
CONVERTER” under the model number. See “Figure 11: Cover
Marking for MTR - 40 Vin” on page 8.
synChronization
Synchronizing the converter with the system clock allows
the designer to confine switching noise to clock transitions,
minimizing interference and reducing the need for filtering. In
sync mode, the converter will run at any frequency between 500
kHz and 675 kHz for singles and duals and between 500 and 700
for triples. The sync control operates with a duty cycle between
40% and 60%. The sync pin must be connected to input common
pin when not in use.
FEaTuRES
No cross-regulation error in triple output models
Operating temperature -55° to +125°C
• Input voltage range 16 to 40 VDC
• Transient protection 50 Vin for 50 ms
• Fully isolated, magnetic feedback
• Fixed high frequency switching
• Inhibit and synchronization function
• Indefinite short circuit and overload protection
mODElS
VDC Output
SINGLE
DUAL
TRIPLE
3.3
±5
+5 & ±12
5
±12
+5 & ±15
12
±15
15
18
also see our iMproveD Mtr (50)
16 - 50 Vin, 80 V transient / 50 ms.
Datasheet at www.interpoint.com/mtr50
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
Page 1 of 26
28 (16-40) VOlT INPuT – 30 WaTT
MTR-01 Rev AA - 2013.09.04
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1.425.882.3100 • power@crane-eg.com
www.craneae.com/interpoint


Similar Part No. - MTR40

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MTR MERITEK-MTR Datasheet
284Kb / 8P
Power Resistors
logo
Vishay Siliconix
MTR VISHAY-MTR Datasheet
92Kb / 3P
Wire Bondable Thin Film Multi-Tap Resistor Arrays
18-Apr-13
logo
Heyco.
MTR HEYCO-MTR Datasheet
157Kb / 1P
Unscrewing Snap Rivets
logo
List of Unclassifed Man...
MTR04FTF344 ETC-MTR04FTF344 Datasheet
337Kb / 11P
Muti-Layer Thermistor
MTR04FTF344B102 ETC-MTR04FTF344B102 Datasheet
337Kb / 11P
Muti-Layer Thermistor
More results

Similar Description - MTR40

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFC40 ARTESYN-NFC40 Datasheet
72Kb / 3P
Single and triple output 40 Watt Wide input DC/DC converters
logo
Crane Aerospace & Elect...
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
MHF Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
MHV Single, Dual and Triple DC/DC Converters
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
SMTR Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
MHV Single, Dual and Triple DC-DC Converters
MTR50 INTERPOINT-MTR50 Datasheet
609Kb / 20P
MTR (50) Single and Dual DC-DC Converters
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
SMRT Single, Dual and Triple Space DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com