Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR40 Datasheet(PDF) 16 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 16 Page - Interpoint Corporation Company

Back Button MTR40 Datasheet HTML 12Page - Interpoint Corporation Company MTR40 Datasheet HTML 13Page - Interpoint Corporation Company MTR40 Datasheet HTML 14Page - Interpoint Corporation Company MTR40 Datasheet HTML 15Page - Interpoint Corporation Company MTR40 Datasheet HTML 16Page - Interpoint Corporation Company MTR40 Datasheet HTML 17Page - Interpoint Corporation Company MTR40 Datasheet HTML 18Page - Interpoint Corporation Company MTR40 Datasheet HTML 19Page - Interpoint Corporation Company MTR40 Datasheet HTML 20Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
50 µs/div
16 TO 40V
MTR2805S STEP LINE RESPONSE
VIN
VOUT
Figure 12
50 µs/div
50% 100%
MTR2805S STEP LOAD RESPONSE
25W to 12.5W
12.5W to 25W
Figure 13
Figure 14
50 µs/div
10% 100%
MTR2805S STEP LOAD RESPONSE
25W to 2.5W
2.5W to 25W
Figure 14
Figure 15
OUTPUT POWER (Watts)
MTR2812D EFFICIENCY
60
85
80
75
70
65
5
10
15
20
16V
40V
28V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
FREQUENCY (kHz)
AUDIO REJECTION, MTR SERIES
OUTPUT POWER (Watts)
MTR2805S EFFICIENCY
60
85
80
75
70
65
5
10
15
20
25
16V
40V
28V
Figure 16
OUTPUT POWER (Watts)
MTR2812S EFFICIENCY
60
85
80
75
70
65
5
16V
28V
40V
10
15
20
25
OUTPUT POWER (Watts)
MTR2815D EFFICIENCY
65
90
85
80
75
70
5
10
15
20
40V
28V
16V
Figure 17
Figure 18
Figure 19
OUTPUT POWER (Watts)
MTR2815S EFFICIENCY
62
87
82
77
72
67
5
16V
28V
40V
10
15
20
25
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 16 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com