Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR40 Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part # MTR40
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR40 Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button MTR40 Datasheet HTML 8Page - Interpoint Corporation Company MTR40 Datasheet HTML 9Page - Interpoint Corporation Company MTR40 Datasheet HTML 10Page - Interpoint Corporation Company MTR40 Datasheet HTML 11Page - Interpoint Corporation Company MTR40 Datasheet HTML 12Page - Interpoint Corporation Company MTR40 Datasheet HTML 13Page - Interpoint Corporation Company MTR40 Datasheet HTML 14Page - Interpoint Corporation Company MTR40 Datasheet HTML 15Page - Interpoint Corporation Company MTR40 Datasheet HTML 16Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Notes
1. Guaranteed by design and/or analysis. Not an in-line test.
2. Up to 90% of the total output current/power is available from either output
providing the positive output is carrying at least 10% of the total output power.
3. Operation is limited below 16 V (“Figure 27” on page 17).
4. Effect on negative VOUT from 50%/50% loads to 80%/20% or 20%/80% loads.
5. Effect on negative VOUT from 50%/50% loads to 90%/10% or 10%/90% loads.
See Figure 20.
6. Tested with 6800 pF ceramic bypass capacitor connected externally from input
common to case.
7. Indefinite short circuit protection not guaranteed above 125°C case.
8. Recovery time is measured from application of the transient to point at which
VOUT is within 1% of final value.
9. Tested on release from inhibit.
DUAL OUTPUT MODELS - /883 ONly
MTR2805D
MTR2812D
MTR2815D
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
+ VOUT
4.850
5.00
5.150 11.64 12.00 12.36 14.55 15.00 15.45
VDC
- VOUT
4.825
5.00
5.172 11.58 12.00 12.42 14.47 15.00 15.53
OUTPUT CURRENT 2
EITHER OUTPUT
0
2.5
4.5 1
0
1.25
2.25 1
0
1.00
1.80 1
A
VIN = 16 TO 40 VDC
TOTAL OUTPUT
—
—
5
—
—
2.5
—
—
2.00
OUTPUT POWER 2
EITHER OUTPUT
0
12.5
22.5 1
0
15
27 1
0
15
27 1
W
VIN = 16 to 40 VDC
TOTAL OUTPUT
—
—
25
—
—
30
—
—
30
OUTPUT RIPPLE
TC = 25°C
—
20
80
—
30
80
—
25
80
mV p-p
10 kHz - 2 MHz ± VOUT
TC = -55°C TO +125°C
—
40
90
—
40
120
—
40
120
LINE REGULATION 3
+ VOUT
—
10
50
—
10
50
—
10
50
mV
VIN = 16 TO 40 VDC
- VOUT
—
50
100
—
50
150
—
50
180
LOAD REGULATION
+ VOUT
—
5
50
—
15
50
—
15
50
mV
NO LOAD TO FULL
- VOUT
—
25
100
—
30
150
—
30
180
CROSS REGULATION 1
SEE NOTE 4
—
4
6
—
4
6
—
4
6
%
EFFECT ON -VOUT, 25°C
SEE NOTE 5
—
7
12
—
4
8.3
—
3
8
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 msec.1
0
—
50
0
—
50
0
—
50
V
INPUT CURRENT
NO LOAD
—
35
75
–
50
75
—
50
75
mA
INHIBITED
—
3
8
—
3
8
—
3
8
INPUT RIPPLE CURRENT 6 10 kHz - 10 MHz
—
15
50
—
20
50
—
20
50
mA p-p
EFFICIENCY
TC = 25°C
76
78
—
79
81
—
80
83
—
%
BALANCED LOAD
TC = -55°C TO +125°C
73
—
—
76
—
—
77
—
—
LOAD FAULT 7
POWER DISSIPATION
—
10
12
—
10
12
—
10
12
W
SHORT CIRCUIT
RECOVERY 1
—
1.4
5.0
—
1.4
5.0
—
1.4
5.0
ms
STEP LOAD RESPONSE
TRANSIENT
—
±200
±300
—
±150
±300
—
±200
±400
mV pk
50% - 100% - 50% ± VOUT RECOVERY 1, 8
—
100
200
—
100
200
—
100
200
µs
STEP LINE RESPONSE 1
TRANSIENT
—
±200
±400
—
±200
±400
—
±400
±500
mV pk
16 - 40 -16 VDC ± VOUT
RECOVERY 8
—
—
300
—
—
300
—
—
300
µs
START-UP 9
DELAY
—
1.4
5
—
1.4
5
—
1.4
5
ms
FULL LOAD
OVERSHOOT 1
—
0
180
—
0
120
—
0
150
mV pk
CAPACITIVE LOAD 1
TC = 25°C
NO EFFECT ON DC
PERFORMANCE
—
—
500
—
—
500
—
—
500
µF
table 8: eleCtriCal CharaCteristiCs: -55°C to +125°C tC, 28 vDC vin, 100% loaD, Free run, unless otherWise speCiFieD.
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 12 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com