Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 105Page - National Semiconductor (TI) PC87393F Datasheet HTML 106Page - National Semiconductor (TI) PC87393F Datasheet HTML 107Page - National Semiconductor (TI) PC87393F Datasheet HTML 108Page - National Semiconductor (TI) PC87393F Datasheet HTML 109Page - National Semiconductor (TI) PC87393F Datasheet HTML 110Page - National Semiconductor (TI) PC87393F Datasheet HTML 111Page - National Semiconductor (TI) PC87393F Datasheet HTML 112Page - National Semiconductor (TI) PC87393F Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 148 page
background image
7.0 X-Bus Extension (Continued)
109
www.national.com
Once a write cycle on the LPC falls within the range of any of the enabled decoded address ranges of the X-Bus functional
block, a write cycle begins. A write cycle (Figure 25) starts by outputting the address signals on address signals XA19-0,
and the data signals on data pins XD7-0, on the rising edge of the clock. One LPC clock cycle later, a chip select signals
XCS1 or 0 is asserted, based on the address accessed and the select signal mapping. Three clock cycles later, on the next
rising edge of the clock, the XWR signal is asserted (set to 0) indicating that this is a write cycle and enabling the device to
be written for 16 clock cycles plus the internally programmed wait state period. If XRDY use is enabled for this zone, XRDY
input value is then checked on the rising edge of the clock, and the transaction is extended until XRDY is detected to be high.
Five LPC clock cycles later, XWR is de-asserted (set to 1) and one clock cycle later, the transaction is completed by de-
asserting XCS1-0. Two clock cycle later, the address lines change their values to 0.
Figure 24. Read Access Cycle - Normal Address Mode
CLK
(Internal for
XD7-0
XA19-0
XCS1-0
XWR
Insert 12+”Programmed Wait States” of 33 MHz clocks here.
All non-clock signals remain the same during this inserted time.
XRD
XRDY
XD[7:0] (Data In)
(Data Read)
Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com