Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 108Page - National Semiconductor (TI) PC87393F Datasheet HTML 109Page - National Semiconductor (TI) PC87393F Datasheet HTML 110Page - National Semiconductor (TI) PC87393F Datasheet HTML 111Page - National Semiconductor (TI) PC87393F Datasheet HTML 112Page - National Semiconductor (TI) PC87393F Datasheet HTML 113Page - National Semiconductor (TI) PC87393F Datasheet HTML 114Page - National Semiconductor (TI) PC87393F Datasheet HTML 115Page - National Semiconductor (TI) PC87393F Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 148 page
background image
7.0 X-Bus Extension (Continued)
112
www.national.com
7.4
X-BUS CONFIGURATION REGISTERS
The following abbreviations are used to indicate the Register Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
7.4.1
X-Bus Register Map
The following table lists the X-Bus registers.
7.4.2
X-Bus Configuration Register (XBCNF)
This register affects the functionality mode of the X-Bus.
Location:
Offset 00h
Type:
R/W
Offset
Mnemonic
Register Name
Type
Section
00h
XBCNF
X-Bus Configuration
R/W
7.4.2
01h
XZCNF0
X-Bus Select 0 Configuration
R/W
7.4.3
02h
XZCNF1
X-Bus Select 1 Configuration
R/W
7.4.4
03h
Reserved exclusively for National use
04h
XIRQCA
X-Bus IRQ A Configuration
R/W
7.4.5
05h
XIRQCB
X-Bus IRQ B Configuration
R/W
7.4.5
06h
XIRQCC
X-Bus IRQ C Configuration
R/W
7.4.5
07h
XIRQCD
X-Bus IRQ D Configuration
R/W
7.4.5
08h
XIMA0
X-Bus Indirect Memory Address Register 0
R/W
7.4.6
09h
XIMA1
X-Bus Indirect Memory Address Register 1
R/W
7.4.7
0Ah
XIMA2
X-Bus Indirect Memory Address Register 2
R/W
7.4.8
0Bh
XIMA3
X-Bus Indirect Memory Address Register 3
R/W
7.4.9
0Ch
XIMD
X-Bus Indirect Memory Data Register
R/W
7.4.10
Bit
76543210
Name
Reserved
R/W
Extended
Mode
Enable
Latch
Address
Mode
Enable
Reset
0000000
Strap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com