Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 110Page - National Semiconductor (TI) PC87393F Datasheet HTML 111Page - National Semiconductor (TI) PC87393F Datasheet HTML 112Page - National Semiconductor (TI) PC87393F Datasheet HTML 113Page - National Semiconductor (TI) PC87393F Datasheet HTML 114Page - National Semiconductor (TI) PC87393F Datasheet HTML 115Page - National Semiconductor (TI) PC87393F Datasheet HTML 116Page - National Semiconductor (TI) PC87393F Datasheet HTML 117Page - National Semiconductor (TI) PC87393F Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 148 page
background image
7.0 X-Bus Extension (Continued)
114
www.national.com
7.4.3
X-Bus Select 0 Configuration Register (XZCNF0)
This register affects the mapping of modules associated with Chip Select 0, XCS0.
Location:
Offset 01h
Type:
R/W
Bit
76543210
Name
XRDY
Enable
Wait States
Enable
Indirect
Memory
Cycle
Enable
Select 0 Mapping
Reset
Strap
1
0
Strap
Bit
Description
7
XRDY Enable. Enables the use of XRDY input for devices mapped to XCS0. Reset value of this bit is defined
by the XCNF2-0 strap inputs.
0: Disabled (default for all XCNF2-0 values, except 010 or 110)
1: Enabled (default if XCNF2-0 is set to 010 or 110)
6
Wait States Enable
0: Wait states disabled
1: 8 clock cycles of wait enabled (default)
5
Indirect Memory Cycle Enable. Enable indirect memory access mechanism to generate memory transaction
on XCS0.
0: Disabled (default)
1: Enabled
4-0
Select 0 Mapping
UDIZ = User-Defined I/O Zone
-= XCS0 does not respond to this zone decode
+= XCS0 responds to this zone decode and is influenced by its setting
Bits
Function
4 3 2 1 0 KBC PM
RTC TST
UDIZ BIOS MEM
0 0 0 0 0
-
------ (default if XCNF2-0 No BIOS mode is set)
0 0 0 0 1
-
----+
- (default if XCNF2-0 selects any of the BIOS modes)
0 0 0 1 0
+
----+
-
0 0 0 1 1
+
+
---+
-
0 0 1 0 0
+
+
+
-
-
+
-
0 0 1 0 1
+
+++-
+-
0 0 1 1 0
-
-
-
-
+
+
-
0 0 1 1 1
+
+
+
-
+
+
-
0 1 0 0 0
+
+++++-
0 1 0 0 1
+
------
0 1 0 1 0
+
---+
--
0 1 0 1 1
+
+
-----
0 1 1 0 0
+
+
+
----
0 1 1 0 1
+
+
+
+
-
-
-
0 1 1 1 0
-
---+
--
0 1 1 1 1
+
++++-
-
1 0 0 0 0
+
++++-
+
1 0 0 0 1
+
-----+
1 0 0 1 0
-
-----+
1 0 0 1 1
+
+
----+
1 0 1 0 0
+
+
+
---+
1 0 1 0 1
+
+
+
+
-
-
+
1 0 1 1 0
-
---+
-+
1 0 1 1 1
+
++++++
Others
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com