Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6739 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 2 Page - Texas Instruments

  LMH6739 Datasheet HTML 1Page - Texas Instruments LMH6739 Datasheet HTML 2Page - Texas Instruments LMH6739 Datasheet HTML 3Page - Texas Instruments LMH6739 Datasheet HTML 4Page - Texas Instruments LMH6739 Datasheet HTML 5Page - Texas Instruments LMH6739 Datasheet HTML 6Page - Texas Instruments LMH6739 Datasheet HTML 7Page - Texas Instruments LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LMH6739
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
ESD Tolerance (2)
Human Body Model
2000V
Machine Model
200V
Supply Voltage (V+ - V–)
13.2V
IOUT
(3)
Common Mode Input Voltage
±VCC
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications, see the Electrical
Characteristics tables.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC). Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(3)
The maximum output current (IOUT) is determined by device power dissipation limitations. See the Power Dissipation section of the
Application Information for more details.
Operating Ratings
(1) (2)
Temperature Range (3)
−40°C to +85°C
Supply Voltage (V+ - V–)
8V to 12V
Thermal Resistance
Package
(
θJC)
(
θJA)
16-Pin SSOP
36°C/W
120°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications, see the Electrical
Characteristics tables.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC). Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(3)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com