Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6739 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 5 Page - Texas Instruments

  LMH6739 Datasheet HTML 1Page - Texas Instruments LMH6739 Datasheet HTML 2Page - Texas Instruments LMH6739 Datasheet HTML 3Page - Texas Instruments LMH6739 Datasheet HTML 4Page - Texas Instruments LMH6739 Datasheet HTML 5Page - Texas Instruments LMH6739 Datasheet HTML 6Page - Texas Instruments LMH6739 Datasheet HTML 7Page - Texas Instruments LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
1
10
100
1000
FREQUENCY (MHz)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
VOUT = 0.5 VPP
AV = +1
AV = +2
AV = -1
1
10
100
1000
FREQUENCY (MHz)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
NON-INVERTING
BOTH
VOUT ± 250 mVPP
GAIN = +1
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = 7V
VOUT = 2 VPP
VS = 9V
VS = 12.5V
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VOUT = 0.5 VPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
AV = 2 V/V
1
10
100
1000
FREQUENCY (MHz)
-10
-8
-6
-4
-2
0
2
4
AV = +1
AV = +2
AV = -1
VOUT = 2 VPP
1
10
100
1000
FREQUENCY (MHz)
-10
-8
-6
-4
-2
0
2
4
AV = +1
AV = +2
AV = -1
LMH6739
www.ti.com
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
Typical Performance Characteristics
AV = +2, VCC = ±5V, RL = 100Ω; unless otherwise specified).
Large Signal Frequency Response
Small Signal Frequency Response
Figure 1.
Figure 2.
Frequency Response
vs.
Frequency Response vs.
VOUT
Supply Voltage
Figure 3.
Figure 4.
Gain Flatness
Gain Flatness, Dual Input Buffer
Figure 5.
Figure 6.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com