Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6739 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 4 Page - Texas Instruments

  LMH6739 Datasheet HTML 1Page - Texas Instruments LMH6739 Datasheet HTML 2Page - Texas Instruments LMH6739 Datasheet HTML 3Page - Texas Instruments LMH6739 Datasheet HTML 4Page - Texas Instruments LMH6739 Datasheet HTML 5Page - Texas Instruments LMH6739 Datasheet HTML 6Page - Texas Instruments LMH6739 Datasheet HTML 7Page - Texas Instruments LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LMH6739
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
TA = 25°C, AV = +2, VCC = ±5V, RL = 100Ω; unless otherwise specified.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Internal Feedback & Gain Set
375
450
525
Ω
Resistor Value
Gain Error
RL = ∞
0.2
±1.1
%
Miscellaneous Performance
RIN+
Non-Inverting Input Resistance
1000
k
Ω
CIN+
Non-Inverting Input Capacitance
.8
pF
RIN−
Inverting Input Impedance
Output impedance of input buffer.
30
Ω
RO
Output Impedance
DC
0.05
Ω
±3.25
±3.5
RL = 100Ω
±3.1
VO
Output Voltage Range (4)
V
±3.65
±3.8
RL = ∞
±3.5
CMIR
Common Mode Input Range (4)
CMRR > 40 dB
±1.9
±2.0
V
±1.7
Linear Output Current (5) (4)
80
IO
VIN = 0V, VOUT < ±30 mV
90
mA
60
ISC
Short Circuit Current (6)
VIN = 2V Output Shorted to Ground
160
mA
IIH
Disable Pin Bias Current High
Disable Pin = V+
10
μA
IIL
Disable Pin Bias Current Low
Disable Pin = 0V
−350
μA
VDMAX
Voltage for Disable
Disable Pin
≤ VDMAX
0.8
V
VDMIM
Voltage for Enable
Disable Pin
≥ VDMIN
2.0
V
(5)
The maximum output current (IOUT) is determined by device power dissipation limitations. See the Power Dissipation section of the
Application Information for more details.
(6)
Short circuit current should be limited in duration to no more than 10 seconds. See the Power Dissipation section of the Application
Information for more details.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com