Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6739 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6739 Datasheet HTML 3Page - Texas Instruments LMH6739 Datasheet HTML 4Page - Texas Instruments LMH6739 Datasheet HTML 5Page - Texas Instruments LMH6739 Datasheet HTML 6Page - Texas Instruments LMH6739 Datasheet HTML 7Page - Texas Instruments LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments LMH6739 Datasheet HTML 10Page - Texas Instruments LMH6739 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
0
70
-1
1
-0.4
-0.2
0.0
0.2
0.4
0.6
TIME (ns)
3
10
20
30
40
50
60
-0.6
VOUT
DISABLE
-40
-20
0
20
80
100
TEMPERATURE (°C)
40
60
-0.6
-0.4
0
0.2
0.4
0.6
0.8
1
-0.2
-10
-8
-4
-2
0
2
4
6
-6
IBI
VOS
IBN
0.1
1
10
100
1000
FREQUENCY (MHz)
0
10
20
30
40
50
60
PSRR +
PSRR -
0.001
0.1
10
1000
0.01
0.1
10
100
100
1
0.01
1
FREQUENCY (MHz)
AV = 2 V/V
VIN = 0V
6.8
7.6
8.4
9.2
11.6 12.4
-100
-95
-85
-80
-75
-70
-65
TOTAL SUPPLY VOLTAGE (V)
-90
10
10.8
VOUT = 2VPP
f = 10 MHz
HD2
HD3
0.01
1
1000
FREQUENCY (MHz)
0
20
50
100
10
0.1
40
30
10
45
35
25
15
5
LMH6739
www.ti.com
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
AV = +2, VCC = ±5V, RL = 100Ω; unless otherwise specified).
Distortion vs.
CMRR vs.
Supply Voltage
Frequency
Figure 13.
Figure 14.
PSRR vs.
Frequency
Closed Loop Output Impedance |Z|
Figure 15.
Figure 16.
DC Errors vs.
Disable Timing
Temperature
Figure 17.
Figure 18.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com