Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6739 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 3 Page - Texas Instruments

  LMH6739 Datasheet HTML 1Page - Texas Instruments LMH6739 Datasheet HTML 2Page - Texas Instruments LMH6739 Datasheet HTML 3Page - Texas Instruments LMH6739 Datasheet HTML 4Page - Texas Instruments LMH6739 Datasheet HTML 5Page - Texas Instruments LMH6739 Datasheet HTML 6Page - Texas Instruments LMH6739 Datasheet HTML 7Page - Texas Instruments LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LMH6739
www.ti.com
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
Electrical Characteristics
(1)
TA = 25°C, AV = +2, VCC = ±5V, RL = 100Ω; unless otherwise specified.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Frequency Domain Performance
UGBW
−3 dB Bandwidth
Unity Gain, VOUT = 200 mVPP
750
MHz
SSBW
−3 dB Bandwidth
VOUT = 200 mVPP
480
MHz
LSBW
VOUT = 2 VPP
400
0.1 dB Bandwidth
VOUT = 2 VPP
150
MHz
GFR2
Rolloff
at 300 MHz, VOUT = 2 VPP
1.0
dB
Time Domain Response
TRS
Rise and Fall Time
2V Step
0.9
ns
(10% to 90%)
TRL
5V Step
1.7
SR
Slew Rate
5V Step
3300
V/µs
ts
Settling Time to 0.1%
2V Step
10
ns
te
Enable Time
From Disable = rising edge.
7.3
ns
td
Disable Time
From Disable = falling edge.
4.5
ns
Distortion
HD2L
2 VPP, 5 MHz
−80
HD2
2nd Harmonic Distortion
2 VPP, 20 MHz
−71
dBc
HD2H
2 VPP, 50 MHz
−55
HD3L
2 VPP, 5 MHz
−90
HD3
3rd Harmonic Distortion
2 VPP, 20 MHz
−85
dBc
HD3H
2 VPP, 50 MHz
−65
Equivalent Input Noise
VN
Non-Inverting Voltage
>1 MHz
2.3
nV/
√Hz
ICN
Inverting Current
>1 MHz
12
pA/
√Hz
NCN
Non-Inverting Current
>1 MHz
3
pA/
√Hz
Video Performance
DG
Differential Gain
4.43 MHz, RL = 150Ω
.02
%
DP
Differential Phase
4.43 MHz, RL = 150Ω
.01
degree
Static, DC Performance
VOS
Input Offset Voltage (4)
0.5
±2.5
mV
±4.5
IBN
Input Bias Current (4)
Non-Inverting
−16
−8
0
µV
−21
+5
IBI
Input Bias Current (4)
Inverting
−2
±30
μA
±40
PSRR
Power Supply Rejection Ratio (4)
50
53
dB
48.5
CMRR
Common Mode Rejection Ratio (4)
46
50
dB
44
ICC
Supply Current (4)
All three amps Enabled, No Load
32
35
mA
40
Supply Current Disabled V+
RL = ∞
1.9
2.2
mA
Supply Current Disabled V−
RL = ∞
1.1
1.3
mA
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. Parametric performance is indicated in the electrical tables under conditions of
internal self heating where TJ> TA. See Applications Information for information on temperature de-rating of this device. Min/Max ratings
are based on product characterization and simulation. Individual parameters are tested as noted.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are through correlations using the Statistical
Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested on shipped production material.
(4)
Parameter 100% production tested at 25° C.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com