Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6739 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6739 Datasheet HTML 5Page - Texas Instruments LMH6739 Datasheet HTML 6Page - Texas Instruments LMH6739 Datasheet HTML 7Page - Texas Instruments LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments LMH6739 Datasheet HTML 10Page - Texas Instruments LMH6739 Datasheet HTML 11Page - Texas Instruments LMH6739 Datasheet HTML 12Page - Texas Instruments LMH6739 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VOUT
+
-
+5V
-5V
CPOS
6.8 µF
0.01 µF
6.8 µF
CNEG
0.01 µF
0.1 µF
CSS
RIN
VIN
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 µF
0.01 µF
6.8 µF
CNEG
0.01 µF
RIN
0.1 µF
CSS
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 µF
0.01 µF
6.8 µF
CNEG
0.01 µF
RIN
0.1 µF
CSS
NC
LMH6739
www.ti.com
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
APPLICATION INFORMATION
Figure 21. Recommended Non-Inverting Gain
Figure 22. Recommended Non-Inverting Gain
Circuit, Gain = +2
Circuit, Gain +1
Figure 23. Recommended Inverting Gain Circuit,
Gain = –1
GENERAL INFORMATION
The LMH6739 is a high speed current feedback selectable gain buffer (SGB), optimized for very high speed and
low distortion. With its internal feedback and gain-setting resistors the LMH6739 offers excellent AC performance
while simplifying board layout and minimizing the affects of layout related parasitic components. The LMH6739
has no internal ground reference so single or split supply configurations are both equally useful.
SETTING THE CLOSED LOOP GAIN
The LMH6739 is a current feedback amplifier with on-chip RF = RG = 450Ω. As such it can be configured with an
AV = +2, AV = +1, or an AV = −1 by connecting pins 3 and 4 as described in Table 1.
Table 1. Input Connections for all 3 Gain Possibilities
INPUT CONNECTIONS
GAIN AV
Non-Inverting
Inverting
−1 V/V
Ground
Input Signal
+1 V/V
Input Signal
NC (Open)
+2 V/V
Input Signal
Ground
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com