Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6739 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6739 Datasheet HTML 2Page - Texas Instruments LMH6739 Datasheet HTML 3Page - Texas Instruments LMH6739 Datasheet HTML 4Page - Texas Instruments LMH6739 Datasheet HTML 5Page - Texas Instruments LMH6739 Datasheet HTML 6Page - Texas Instruments LMH6739 Datasheet HTML 7Page - Texas Instruments LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments LMH6739 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
0
1
2
3
4
5
6
7
8
-100
-40
OUTPUT VOLTAGE (VPP)
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
HD3
HD2
f = 10 MHz
1
100
FREQUENCY (MHz)
-100
-80
-60
-40
10
-50
-70
-90
-45
-55
-65
-75
-85
-95
VOUT = 2 VPP
HD2
HD3
0
20
40
60
80
100
120
CAPACITIVE LOAD (pF)
0
10
20
30
40
50
60
70
80
LOAD = 1 k: || CL
120
0.01
1
1000
FREQUENCY (MHz)
100
10
0.1
100
90
110
MAGNITUDE
PHASE
40
70
60
50
80
-180
-45
-90
-135
0
0
4
8
12
16
20
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (ns)
1
10
100
1000
FREQUENCY (MHz)
-10
-8
-6
-4
-2
0
2
CL = 4.7 pF, RS = 70:
CL = 15 pF, RS = 44:
CL = 47 pF, RS = 24:
CL = 100 pF, RS = 17:
VOUT = 1 VPP, CL || 1 k:
LMH6739
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
AV = +2, VCC = ±5V, RL = 100Ω; unless otherwise specified).
Frequency Response vs.
Pulse Response
Capacitive Load
Figure 7.
Figure 8.
Series Output Resistance vs.
Capacitive Load
Open Loop Gain and Phase
Figure 9.
Figure 10.
Distortion vs.
10 MHz HD vs.
Frequency
Output Level
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com