Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6739 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 1 Page - Texas Instruments

  LMH6739 Datasheet HTML 1Page - Texas Instruments LMH6739 Datasheet HTML 2Page - Texas Instruments LMH6739 Datasheet HTML 3Page - Texas Instruments LMH6739 Datasheet HTML 4Page - Texas Instruments LMH6739 Datasheet HTML 5Page - Texas Instruments LMH6739 Datasheet HTML 6Page - Texas Instruments LMH6739 Datasheet HTML 7Page - Texas Instruments LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
-
+
-
+
-
+
-IN A
+IN A
-IN B
+IN B
DIS B
DIS C
-IN C
+IN C
-VS
OUT C
+VS
OUT B
-VS
OUT A
+VS
DIS A
LMH6739
www.ti.com
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
LMH6739 Very Wideband, Low Distortion Triple Video Buffer
Check for Samples: LMH6739
1
FEATURES
DESCRIPTION
2
•
750 MHz
−3 dB small signal bandwidth
The LMH6739 is a very wideband, DC coupled
(AV = +1)
monolithic selectable gain buffer designed specifically
•
−85 dBc 3rd harmonic distortion (20 MHz)
for ultra high resolution video systems as well as wide
•
2.3 nV/
√Hz input noise voltage
dynamic range systems requiring exceptional signal
fidelity. Benefiting from current feedback architecture,
•
3300 V/
μs slew rate
the LMH6739 offers gains of
−1, 1 and 2. At a gain of
•
32 mA supply current (10.6 mA per op amp)
+2 the LMH6739 supports ultra high resolution video
•
90 mA linear output current
systems with a 400 MHz 2 VPP3 dB Bandwidth. With
12-bit distortion level through 30 MHz (RL = 100Ω),
•
0.02/0.01 Diff. Gain/ Diff. Phase (RL = 150Ω)
2.3nV/
√Hz input referred noise, the LMH6739 is the
•
2mA shutdown current
ideal driver or buffer for high speed flash A/D and D/A
converters. Wide dynamic range systems such as
APPLICATIONS
radar
and
communication
receivers
requiring
a
wideband amplifier offering exceptional signal purity
•
RGB video driver
will find the LMH6739 low input referred noise and
•
High resolution projectors
low harmonic distortion make it an attractive solution.
•
Flash A/D driver
The LMH6739 is offered in a space saving SSOP
•
D/A transimpedance buffer
package.
•
Wide dynamic range IF amp
•
Radar/communication receivers
•
DDS post-amps
•
Wideband inverting summer
•
Line driver
CONNECTION DIAGRAM
16-Pin SSOP
Top View
See Package Number DBQ0016A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6739

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6739 NSC-LMH6739 Datasheet
796Kb / 10P
Very Wideband, Low Distortion Triple Video Buffer
logo
Intersil Corporation
LMH6739 INTERSIL-LMH6739 Datasheet
418Kb / 12P
Very Wideband, Low Distortion Triple Video Buffer
December 10, 2007
logo
National Semiconductor ...
LMH6739 NSC-LMH6739 Datasheet
418Kb / 12P
Very Wideband, Low Distortion Triple Video Buffer
logo
Texas Instruments
LMH6739 TI2-LMH6739 Datasheet
749Kb / 22P
LMH6739 Very Wideband, Low Distortion Triple Video Buffer
REVISED MARCH 2013
logo
National Semiconductor ...
LMH6739MQ NSC-LMH6739MQ Datasheet
796Kb / 10P
Very Wideband, Low Distortion Triple Video Buffer
More results

Similar Description - LMH6739

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
Very Wideband, Low Distortion Monolithic Op Amp
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
Wideband Video Buffer
logo
National Semiconductor ...
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
Very Wideband, Low Distortion Triple Op Amp
LMH6739 NSC-LMH6739 Datasheet
796Kb / 10P
Very Wideband, Low Distortion Triple Video Buffer
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Intersil Corporation
LMH6739 INTERSIL-LMH6739 Datasheet
418Kb / 12P
Very Wideband, Low Distortion Triple Video Buffer
December 10, 2007
logo
National Semiconductor ...
LMH6739 NSC-LMH6739_07 Datasheet
418Kb / 12P
Very Wideband, Low Distortion Triple Video Buffer
logo
Texas Instruments
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
Very Wideband, Low Distortion Monolithic Op Amp
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com