Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6739 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments LMH6739 Datasheet HTML 10Page - Texas Instruments LMH6739 Datasheet HTML 11Page - Texas Instruments LMH6739 Datasheet HTML 12Page - Texas Instruments LMH6739 Datasheet HTML 13Page - Texas Instruments LMH6739 Datasheet HTML 14Page - Texas Instruments LMH6739 Datasheet HTML 15Page - Texas Instruments LMH6739 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
LMH6739
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
www.ti.com
POWER DISSIPATION
The LMH6739 is optimized for maximum speed and performance in the small form factor of the standard SSOP-
16 package. To achieve its high level of performance, the LMH6739 consumes an appreciable amount of
quiescent current which cannot be neglected when considering the total package power dissipation limit. The
quiescent current contributes to about 40° C rise in junction temperature when no additional heat sink is used (VS
= ±5V, all 3 channels on). Therefore, it is easy to see the need for proper precautions to be taken in order to
make sure the junction temperature’s absolute maximum rating of 150°C is not violated.
To ensure maximum output drive and highest performance, thermal shutdown is not provided. Therefore, it is of
utmost importance to make sure that the TJMAX is never exceeded due to the overall power dissipation (all 3
channels).
With the LMH6739 used in a back-terminated 75
Ω RGB analog video system (with 2 VPP output voltage), the
total power dissipation is around 435 mW of which 340 mW is due to the quiescent device dissipation (output
black level at 0V). With no additional heat sink used, that puts the junction temperature to about 140° C when
operated at 85°C ambient.
To reduce the junction temperature many options are available. Forced air cooling is the easiest option. An
external add-on heat-sink can be added to the SSOP-16 package, or alternatively, additional board metal
(copper) area can be utilized as heat-sink.
An effective way to reduce the junction temperature for the SSOP-16 package (and other plastic packages) is to
use the copper board area to conduct heat. With no enhancement the major heat flow path in this package is
from the die through the metal lead frame (inside the package) and onto the surrounding copper through the
interconnecting leads. Since high frequency performance requires limited metal near the device pins the best
way to use board copper to remove heat is through the bottom of the package. A gap filler with high thermal
conductivity can be used to conduct heat from the bottom of the package to copper on the circuit board. Vias to a
ground or power plane on the back side of the circuit board will provide additional heat dissipation. A combination
of front side copper and vias to the back side can be combined as well.
Follow these steps to determine the maximum power dissipation for the LMH6739:
1. Calculate the quiescent (no-load) power:
PAMP = ICC x (VS) VS = V
+-V−
(1)
2. Calculate the RMS power dissipated in the output stage:
PD (rms) = rms ((VS - VOUT)*IOUT)
(2)
where VOUT and IOUT are the voltage and current across the external load and VS is the total supply current
3. Calculate the total RMS power:
PT = PAMP+PD
(3)
The maximum power that the LMH6739 package can dissipate at a given temperature can be derived with the
following equation (See Figure 29):
PMAX = (150º – TAMB)/ θJA, where TAMB = Ambient temperature (°C) and θJA = Thermal resistance, from junction
to ambient, for a given package (°C/W). For the SSOP package
θJA is 120°C/W.
ESD PROTECTION
The LMH6739 is protected against electrostatic discharge (ESD) on all pins. The LMH6739 will survive 2000V
Human Body model and 200V Machine model events.
Under closed loop operation the ESD diodes have no effect on circuit performance. There are occasions,
however, when the ESD diodes will be evident. If the LMH6739 is driven by a large signal while the device is
powered down the ESD diodes will conduct.
The current that flows through the ESD diodes will either exit the chip through the supply pins or will flow through
the device, hence it is possible to power up a chip with a large signal applied to the input pins. Shorting the
power pins to each other will prevent the chip from being powered up through the input.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com