Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6739 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6739 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6739 Datasheet HTML 7Page - Texas Instruments LMH6739 Datasheet HTML 8Page - Texas Instruments LMH6739 Datasheet HTML 9Page - Texas Instruments LMH6739 Datasheet HTML 10Page - Texas Instruments LMH6739 Datasheet HTML 11Page - Texas Instruments LMH6739 Datasheet HTML 12Page - Texas Instruments LMH6739 Datasheet HTML 13Page - Texas Instruments LMH6739 Datasheet HTML 14Page - Texas Instruments LMH6739 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
-40
-20
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
TEMPERATURE (°C)
225 LFPM FORCED AIR
STILL AIR
LMH6739
www.ti.com
SNOSAD2G – MAY 2004 – REVISED MARCH 2013
DRIVING CAPACITIVE LOADS
Capacitive output loading applications will benefit from the use of a series output resistor ROUT. Figure 28 shows
the use of a series output resistor, ROUT, to stabilize the amplifier output under capacitive loading. Capacitive
loads of 5 to 120 pF are the most critical, causing ringing, frequency response peaking and possible oscillation.
The charts “Suggested ROUT vs. Cap Load” give a recommended value for selecting a series output resistor for
mitigating capacitive loads. The values suggested in the charts are selected for .5 dB or less of peaking in the
frequency response. This gives a good compromise between settling time and bandwidth. For applications where
maximum frequency response is needed and some peaking is tolerable, the value of ROUT can be reduced
slightly from the recommended values.
LAYOUT CONSIDERATIONS
Whenever questions about layout arise, use the evaluation board as a guide. The LMH730275 is the evaluation
board for the LMH6739.
To reduce parasitic capacitances ground and power planes should be removed near the input and output pins.
Components in the feedback loop should be placed as close to the device as possible. For long signal paths
controlled impedance lines should be used, along with impedance matching elements at both ends.
Bypass capacitors should be placed as close to the device as possible. Bypass capacitors from each rail to
ground are applied in pairs. The larger electrolytic bypass capacitors can be located farther from the device, the
smaller ceramic capacitors should be placed as close to the device as possible. The LMH6739 has multiple
power and ground pins for enhanced supply bypassing. Every pin should ideally have a separate bypass
capacitor. Sharing bypass capacitors may slightly degrade second order harmonic performance, especially if the
supply traces are thin and /or long. In Figure 21 and Figure 22 CSS is optional, but is recommended for best
second harmonic distortion. Another option to using CSS is to use pairs of .01 μF and 0.1 μF ceramic capacitors
for each supply bypass.
VIDEO PERFORMANCE
The LMH6739 has been designed to provide excellent performance with production quality video signals in a
wide variety of formats such as HDTV and High Resolution VGA. NTSC and PAL performance is nearly flawless.
Best performance will be obtained with back terminated loads. The back termination reduces reflections from the
transmission line and effectively masks transmission line and other parasitic capacitances from the amplifier
output stage. Figure 24 shows a typical configuration for driving a 75
Ω Cable. The amplifier is configured for a
gain of two to make up for the 6 dB of loss in ROUT.
Figure 29. Maximum Power Dissipation
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com