Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS3208IPZP Datasheet HTML 12Page - Texas Instruments TAS3208IPZP Datasheet HTML 13Page - Texas Instruments TAS3208IPZP Datasheet HTML 14Page - Texas Instruments TAS3208IPZP Datasheet HTML 15Page - Texas Instruments TAS3208IPZP Datasheet HTML 16Page - Texas Instruments TAS3208IPZP Datasheet HTML 17Page - Texas Instruments TAS3208IPZP Datasheet HTML 18Page - Texas Instruments TAS3208IPZP Datasheet HTML 19Page - Texas Instruments TAS3208IPZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
MSB
I2 SLRCLK
SCLK
I2 SSDIN
MSB
LeftChannel
RightChannel
MSB
LeftJustifiedLRCLK
LeftJustifiedSDOUT
MSB
LeftChannel
RightChannel
SPDIF Control
Register
DAP
Serial Audio
Port
(Receiver)
SDOUT2
SDOUT2/
SPDIF
Serial Audio Port
Transmitter
Control Signals
SPDIF Encoder
Channel Mute
Control
Output
Selector
Analog
Interface
SCLKIN
LRCLKIN
SDIN
SPDIF_IN
ANALOGIN
“0”
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Figure 12. SAP Output Configuration (Left to I2S Normalization OFF)
SPDIF Encoder
The SPDIF encoder is a digital audio transmitter designed for use in consumer audio applications. Transmit data
rates up to 48 kHz are supported. The SPDIF encoder complies with the IEC 60958 interface standard.
The SPDIF encoder creates a multiplexed bit stream containing audio, status, and user data. The multiplexed
data format is shown in Figure 14. The data is then biphase mark encoded and output.
The hardware architecture of the SPDIF encoder is shown in Figure 13.
Figure 13. SPDIF Encoder Hardware Architecture
16
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com