Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZP Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS3208IPZP Datasheet HTML 38Page - Texas Instruments TAS3208IPZP Datasheet HTML 39Page - Texas Instruments TAS3208IPZP Datasheet HTML 40Page - Texas Instruments TAS3208IPZP Datasheet HTML 41Page - Texas Instruments TAS3208IPZP Datasheet HTML 42Page - Texas Instruments TAS3208IPZP Datasheet HTML 43Page - Texas Instruments TAS3208IPZP Datasheet HTML 44Page - Texas Instruments TAS3208IPZP Datasheet HTML 45Page - Texas Instruments TAS3208IPZP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
AUDIO SPECIFICATIONS
– CHANNEL (INPUT TO OUTPUT)
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, Fs (audio) = 48 kHz, clock source from XTALI, AES17 filter, second-order 30-kHz
low-pass filter (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
A-in
→ ADC → DSP → DAC → Lineout
A: WTD
87
92
Overall dynamic
dB
range
A-in
→ MUX → Lineout
A-WTD
95
98
AUDIO SPECIFICATIONS
– DIGITAL FILTERS
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, Fs (audio) = 48 kHz, clock source from XTALI, AES17 filter, second-order 30-kHz
low-pass filter (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
ADC Decimation Filter, Fs = 48 kHz
Filter gain from 0 Fs to 0.39 Fs
±0.1
dB
Filter gain at 0.4125 Fs
–0.25
dB
Filter gain at 0.45 Fs
–3
dB
Filter gain at 0.5 Fs
–17.5
dB
Filter gain from 0.55 Fs to 64 Fs
–75
dB
Filter group delay
17/Fs
s
DAC Interpolation Filter, Fs = 48 kHz
Pass band
20
0.45
× Fs
Hz
Pass-band ripple
±0.06
dB
Transition band
0.45
× Fs
0.5501
× Fs
Hz
Stop band
0.5501
× Fs
7.455
× Fs
kHz
Stop-band attenuation
–65
dB
Filter group delay
21/Fs
s
42
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com