Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS3208IPZP Datasheet HTML 7Page - Texas Instruments TAS3208IPZP Datasheet HTML 8Page - Texas Instruments TAS3208IPZP Datasheet HTML 9Page - Texas Instruments TAS3208IPZP Datasheet HTML 10Page - Texas Instruments TAS3208IPZP Datasheet HTML 11Page - Texas Instruments TAS3208IPZP Datasheet HTML 12Page - Texas Instruments TAS3208IPZP Datasheet HTML 13Page - Texas Instruments TAS3208IPZP Datasheet HTML 14Page - Texas Instruments TAS3208IPZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
LRCLK
SCLK
2-Channel Left-Justified Stereo Input
Left Channel
Right Channel
LSB
MSB
MSB
LSB
32 clks
32 clks
24-Bit Mode
20-Bit Mode
16-Bit Mode
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
LRCLK
SCLK
2-Channel Right-Justified (Sony Format) Stereo Input
Left Channel
Right Channel
LSB
MSB
MSB
LSB
32 clks
32 clks
24-Bit Mode
20-Bit Mode
16-Bit Mode
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
Discrete Left-Justified (LJ) Timing
Left-justified timing uses an LRCLK to define when the data being transmitted is for the left channel or right
channel. The LRCLK is HIGH for the left channel and LOW for the right channel. A bit clock running at 64
× Fs is
used to clock in the data. The first bit of data appears on the data lines at the same time the LRCLK toggles. The
data is written MSB first and is valid on the rising edge of bit clock. The TAS3208 will mask unused trailing data
bit positions.
A.
All data are presented in 2
's complement form with MSB first.
Figure 6. SAP Left-Justified 64
× Fs Format
Discrete Right-Justified (RJ) Timing
Right-justified timing uses an LRCLK to define when the data being transmitted is for the left channel or right
channel. The LRCLK is HIGH for the left channel and LOW for the right channel. A bit clock running at 64
× Fs is
used to clock in the data. The first bit of data appears on the data 8-bit clock periods (for 24-bit data) after
L/RCLK toggles. In RJ mode, the LSB of data is always clocked by the last bit clock before L/RCLK transitions.
The data is written MSB first and is valid on the rising edge of bit clock. The TAS3208 will mask unused leading
data bit positions.
A.
All data are presented in 2s-complement form with MSB first.
Figure 7. SAP Right-Justified 64
× Fs Format
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com