Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS3208IPZP Datasheet HTML 35Page - Texas Instruments TAS3208IPZP Datasheet HTML 36Page - Texas Instruments TAS3208IPZP Datasheet HTML 37Page - Texas Instruments TAS3208IPZP Datasheet HTML 38Page - Texas Instruments TAS3208IPZP Datasheet HTML 39Page - Texas Instruments TAS3208IPZP Datasheet HTML 40Page - Texas Instruments TAS3208IPZP Datasheet HTML 41Page - Texas Instruments TAS3208IPZP Datasheet HTML 42Page - Texas Instruments TAS3208IPZP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
55-BIT INSTRUCTION
Ext
ALU First Stage
ALU Second Stage
Data Memory Load
Coefficient Memory Load
Memory Store
0
54
P1OP
53–49
P2OP
48–42
MOP1
AD1
41–37
36–27
MOP2
AD2
23–14
26–24
MOP3
AD3
9–0
13–10
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
The key features of the delay memory are:
17408
× 24 delay memory locations
24 separately addressable pointers
Programmable Start/Stop address on each pointer
Pointers capable of accessing 24-bit or 48-bit words
Single-port access (one pointer access per access cycle)
Access cycle
< four DSP clocks
Self clearing
– INIT pin used to clear all memory to zero
Fully synchronous
DP1
–DP15: 16 24-bit pointers
RP1
–RP8: Eight 48-bit (full precision) pointers
Since all of the pointers are contiguous, it is only necessary to write the address END point. For example, if DP1
is to be a three-sample delay, the register DP1 should be set to 0x003. If RP1 is to be a three-sample delay, the
register RP1 should be set to the value of DP15 + 6. All of the DP16
–DP1 and RP8–RP1 registers must be set to
a minimum of a one sample delay (one or two words).
DP1 Start address is defined as 000x0.
DP2 Start address is equal to DP1 end address + 1.
RP1 Start address is equal to DP16 end address + 1.
RP8 Start address is equal to RP7 end address + 2.
Since the Start/Stop address for each pointer is programmable anywhere in the delay RAM's address space, the
delay for any one channel can be anywhere in the delay RAM. There is, however, no address space collision
avoidance logic to separate the pointers. The user (or micro) must take care to avoid overlapping the address
spacing of each pointer.
Pointer register address endpoint registers DP16
–DP1 and RP8–RP1 are typically written only during the
initialization (fast load) mode of the device. Writing to these registers while the TAS3208 DSP core is accessing
the pointers may cause the pointers to cross the address space of another pointer.
To write to the delay RAM, the TAS3208 DSP core controller must present the data to be written on the
PT_DATA bus (LSB always in bit zero of the bus), select the pointer to be accessed by driving the PT_SEL pins,
and assert the PT_WZ pin for a minimum of four clocks. The pointer will not increment until a write has been
performed and the PT_WZ pin has been deasserted.
To perform a read, the PT_OUT bus may be read four clocks after PT_SEL is driven.
DSP Instruction Word
TAS3208 has a 55-bit instruction word. Each instruction has five independent operations, which can load two
operands from data memory and coefficient memory, store the result into data or coefficient memory, and
perform two parallel arithmetic operations.
Figure 30. Instruction Word
The TAS3208 instruction set is a superset of the TAS3208 instruction set, extending the DSP processing
capabilities for improved efficiency of FIR operations, as well as extending the addressable memory space. The
Ext instruction bit (bit 54) has been added to extend the internal memory address space by one bit, increasing
the memory space from 1K to 2K words.
The superset instruction word maintains backward compatibility with the 54-bit instruction word of the TAS3208
device, since the 54-bit instruction word required dummy storage of two bits in the EEPROM.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com