Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZP Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZP Datasheet(HTML) 63 Page - Texas Instruments

Back Button TAS3208IPZP Datasheet HTML 59Page - Texas Instruments TAS3208IPZP Datasheet HTML 60Page - Texas Instruments TAS3208IPZP Datasheet HTML 61Page - Texas Instruments TAS3208IPZP Datasheet HTML 62Page - Texas Instruments TAS3208IPZP Datasheet HTML 63Page - Texas Instruments TAS3208IPZP Datasheet HTML 64Page - Texas Instruments TAS3208IPZP Datasheet HTML 65Page - Texas Instruments TAS3208IPZP Datasheet HTML 66Page - Texas Instruments TAS3208IPZP Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
Table 26. Audio Data Format(1)
DIGITAL AUDIO I/O FORMAT
IM1/OM1
IM0/OM0
Left-justified
0
0
Right-justified
0
1
I2S
1
0
–
1
1
(1)
Default values are shown in italics.
Status Register (0x02)
The Status register provide memory load information. When a memory load error for a particular memory occurs,
the memory load error bit for that memory is set to 1. When a memory load is successful for a particular memory,
the memory load error bit for that memory is set to 0. The host must check this load status after memory load.
The host can clear all load error status by writing 0 to bits D40
–D32 of this register.
Table 27. Status Register
BIT
63
62
61
60
59
58
57
56
DESCRIPTION
0
0
0
0
0
0
0
0
Reserved
BIT
55
54
53
52
51
50
49
48
0
0
0
0
0
0
0
Reserved
BIT
47
46
45
44
43
42
41
40
0
0
0
0
0
0
0
0
Unsused
BIT
39
38
37
36
35
34
33
32
x
x
x
x
x
x
x
1
M8051 program memory load error
x
x
x
x
x
x
1
x
M8051 external memory load error
x
x
x
x
x
1
x
x
DSP program memory load error
x
x
x
x
1
x
x
x
DSP coefficient memory load error
x
x
x
1
x
x
x
x
DSP data memory load error
x
1
x
x
x
x
x
x
Invalid memory select
1
x
x
x
x
x
x
x
End of load header error
1
1
1
1
1
1
1
1
No EEPROM
0
0
0
0
0
0
0
0
No error
BIT
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
Reserved
BIT
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
Reserved
BIT
15
14
13
12
11
10
9
8
0
Reserved
BIT
7
6
5
4
3
2
1
0
0
Reserved
ABSY
Analog busy flag
0
Reserved
0
Reserved
0
Reserved
0
Reserved
BUSE
I2C bus error
0
Reserved
Bits 40
–32 define the memory load error status on EEPROM download and slave download.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com