Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZP Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS3208IPZP Datasheet HTML 39Page - Texas Instruments TAS3208IPZP Datasheet HTML 40Page - Texas Instruments TAS3208IPZP Datasheet HTML 41Page - Texas Instruments TAS3208IPZP Datasheet HTML 42Page - Texas Instruments TAS3208IPZP Datasheet HTML 43Page - Texas Instruments TAS3208IPZP Datasheet HTML 44Page - Texas Instruments TAS3208IPZP Datasheet HTML 45Page - Texas Instruments TAS3208IPZP Datasheet HTML 46Page - Texas Instruments TAS3208IPZP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
ELECTRICAL SPECIFICATIONS
– ANALOG SECTIONS
(1)
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, Fs (audio) = 48 kHz, clock source from XTALI, AES17 filter, second-order 30-kHz
low-pass filter (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Stereo MUX Input/ADC Channel
1-kHz sine-wave input
Full-scale input voltage (0 dB)
1
1.15
Vrms
Input common-mode voltage
Over recommended operating conditions
1.43
1.5
1.57
V
DNR
–60-dB full-scale input applied at line inputs, A-weighted
90
93
dBA
THD + N
1-kHz,
–4-dB full-scale input
–75
–80
dB
PSRR
1 kHz, 100 mVpp on AVDD
51
57
dB
Channel separation
1 kHz
–80
–90
dB
Input resistance
14.6
18.33
22
k
Ω
Input capacitance
10
pF
DAC Channel/DAC Output
1-kHz sine-wave input, Load = 10 k
Ω, 10 pF
Full-scale output voltage (0 dB)
0.81
0.9
Vrms
Gain error
–10
10
%
Output common mode
Over recommended operating conditions
1.43
1.5
1.57
V
DNR
–60-dB full-scale input applied at line inputs, A-weighted
95
97
dBA
THD + N
–1-dBFS input, 0-dB gain
–80
–90
dB
PSRR
1 kHz, 100 mVpp on AVDD, VGND powered down
50
56
dB
Load capacitance
pF
Load resistance
10
k
Ω
Channel separation
–81
–84
dB
1-kHz sine-wave input, Load = 16
Ω,
DAC Channel/ Headphone Output
External series resistance = 16
Ω,
Coupling capacitance = 47
µF
Full-scale output voltage (0 dB)
0.72
0.9
Vrms
DNR
–60-dB full-scale input applied at Line inputs, A-weighted
80
90
dBA
THD + N
0-dBFS input, 0-dB gain
–50
–60
dB
PSRR
1 kHz, 100 mVpp on AVDD , VGND powered down
48
54
dB
Maximum output power(2)
24
mW
Load capacitance
100
pF
Load resistance
16
Ω
Channel separation
–70
–80
dB
(1)
When the TAS3208 is operated in slave mode, the internal analog clocks for ADC and DAC are derived from external MCLKIN input. In
this case, the analog performance will depend on MCLKIN quality (i.e., jitter, phase noise, etc.).
(2)
16-
Ω series resistor required in L and R headphone outputs for short-circuit protection.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com