Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS3208IPZP Datasheet HTML 40Page - Texas Instruments TAS3208IPZP Datasheet HTML 41Page - Texas Instruments TAS3208IPZP Datasheet HTML 42Page - Texas Instruments TAS3208IPZP Datasheet HTML 43Page - Texas Instruments TAS3208IPZP Datasheet HTML 44Page - Texas Instruments TAS3208IPZP Datasheet HTML 45Page - Texas Instruments TAS3208IPZP Datasheet HTML 46Page - Texas Instruments TAS3208IPZP Datasheet HTML 47Page - Texas Instruments TAS3208IPZP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
ELECTRICAL SPECIFICATIONS
– ANALOG SECTIONS
(1)
(continued)
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, Fs (audio) = 48 kHz, clock source from XTALI, AES17 filter, second-order 30-kHz
low-pass filter (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Channel/Headphone Output
1-kHz sine-wave input, Load = 10 k
Ω, 10 pF
Full-scale output voltage (0 dB)
0.81
0.9
Vrms
DNR
–60-dB full-scale input applied at line inputs, A-weighted
80
90
dBA
THD + N
0-dBFS input, 0-dB gain
–70
–82
dB
PSRR
1 kHz, 100 mVpp on AVDD, VGND powered down
48
54
dB
Channel separation
–70
–80
dB
Analog Mux in Bypass Mode
1-kHz sine-wave input, Load = 10 k
Ω, 10 pF
Mux switching noise
LINEIN inputs floating
–20
20
mV
Full-scale input voltage (0 dB)
1
1.15
Vrms
Input common-mode voltage
1.43
1.5
1.57
V
Load capacitance
20
pF
Load resistance
10
k
Ω
Between Lch and Rch
–80
dB
Channel separation
Between each line input
–80
dB
Full-scale output voltage (0 dB)
0.9
1
1.1
Vrms
44
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com