Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZP Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS3208IPZP Datasheet HTML 36Page - Texas Instruments TAS3208IPZP Datasheet HTML 37Page - Texas Instruments TAS3208IPZP Datasheet HTML 38Page - Texas Instruments TAS3208IPZP Datasheet HTML 39Page - Texas Instruments TAS3208IPZP Datasheet HTML 40Page - Texas Instruments TAS3208IPZP Datasheet HTML 41Page - Texas Instruments TAS3208IPZP Datasheet HTML 42Page - Texas Instruments TAS3208IPZP Datasheet HTML 43Page - Texas Instruments TAS3208IPZP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
54-BIT INSTRUCTION
TAS3208 instruction word
Contains two dummy bits in every instruction word of the EEPROM.
All TAS3208 tool compilers always ZERO to these dummy bits in the compile EEPROM image.
DUM
ALU First Stage
ALU Second Stage
Data Memory Load
Coefficient Memory Load
Memory Store
2
P1OP
5
P2OP
4
MOP1
AD1
5
10
MOP2
AD2
10
3
MOP3
AD3
10
4
54–55
53–49
48–42
41–37
36–27
23–14
26–24
9–0
13–10
54-BIT INSTRUCTION
New “Ext”-ended field
Extension bit designates offset of 1K to these
address references for LD/ST operations
Ext
ALU First Stage
ALU Second Stage
Data Memory Load
Coefficient Memory Load
Memory Store
0
P1OP
P2OP
MOP1
AD1
MOP2
AD2
MOP3
AD3
54
53–49
48–42
41–37
36–27
23–14
26–24
9–0
13–10
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Figure 31. Instruction Word
As shown in Figure 32, the extension bit designates an offset of 1K to all three addresses in the instruction word.
However, it should be noted that both data and coefficient memory addresses above the 1K boundary are
reserved for housekeeping processing tasks. Any attempt to write to these addresses may corrupt the audio
output.
Figure 32. Instruction Word Extension Field
DSP Instruction Set
Please see the TASxxx Programmer
’s Guide for detailed information regarding programming of this device.
40
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com