Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS3208IPZP Datasheet HTML 17Page - Texas Instruments TAS3208IPZP Datasheet HTML 18Page - Texas Instruments TAS3208IPZP Datasheet HTML 19Page - Texas Instruments TAS3208IPZP Datasheet HTML 20Page - Texas Instruments TAS3208IPZP Datasheet HTML 21Page - Texas Instruments TAS3208IPZP Datasheet HTML 22Page - Texas Instruments TAS3208IPZP Datasheet HTML 23Page - Texas Instruments TAS3208IPZP Datasheet HTML 24Page - Texas Instruments TAS3208IPZP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
Analog Audio Interface
The TAS3208 is has ten analog stereo inputs that are multiplexed to one ADC. Additionally, the TAS3208 has
one line output that can source any of the ten analog stereo inputs.
The TAS3208 has three stereo DACs. The outputs of of DAC3 are designed to be used as a 24-mW headphone
amplifier or line driver. The other two DAC outputs are configured as stereo line drivers.
Both the ADC and DAC blocks can be placed in power down when not used.
Figure 16 shows a block diagram of the analog interface.
Stereo Analog-to-Digital Converter (ADC)
The TAS3208 has an analog 10:1 input multiplexer and an 11:1 output multiplexer. These can accept analog
stereo inputs up to 1 Vrms. The outputs of the multiplexers are the stereo ADC and the line output.
The ADC supports a sampling rate of 48 kHz in clock master mode. In clock slave mode, 32-, 44.1-, and 48-kHz
sampling frequencies are supported, based on the master clock frequency.
Stereo Digital-to-Analog Converters (DACs)
The TAS3208 has three stereo DACs. Each DAC can operate a maximum of 48 kHz. The DACs provide a
48-kHz sampling frequency in master mode. In slave mode, 32-, 44.1-, and 48-kHz sampling frequencies are
supported, based on the master clock frequency. Two of the DACs are configured for providing line outputs. One
of the stereo DACs has the capability to drive either a line out or to be used as a headphone (HP) amplifier.
The stereo HP amplifier is designed to drive up to 24 mW per channel into a headphone speaker load of 16
Ω.
The headphone output is a single-ended configuration using series 16-
Ω resistors and ac-coupling capacitors.
The TAS3208 includes a multiplexed stereo line driver output. The input can be selected to use the output of the
stereo DAC or one of the ten sets of analog inputs. The line driver is capable of driving up to a 10-k
Ω load.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com