Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZP Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS3208IPZP Datasheet HTML 28Page - Texas Instruments TAS3208IPZP Datasheet HTML 29Page - Texas Instruments TAS3208IPZP Datasheet HTML 30Page - Texas Instruments TAS3208IPZP Datasheet HTML 31Page - Texas Instruments TAS3208IPZP Datasheet HTML 32Page - Texas Instruments TAS3208IPZP Datasheet HTML 33Page - Texas Instruments TAS3208IPZP Datasheet HTML 34Page - Texas Instruments TAS3208IPZP Datasheet HTML 35Page - Texas Instruments TAS3208IPZP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
I2C EEPROM Memory Map
Block Header 1
Block Header 2
Block Header N
Data Block N
Data Block 1
Data Block 2
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Figure 23. EEPROM Address Map
The TAS3208 will sequentially read EEPROM memory and load its internal memory unless it does not find a
valid memory header block, is not able to read the next memory location because the end of memory was
reached, detects a checksum error, or reads a end-of-program header block. When it encounters a valid header
or read error, the TAS3208 will attempt to read the header or memory location three times before it determines
that it has an error. If the TAS3208 encounters a checksum error, it will attempt to reread the entire block of
memory two more times before it determines that it has an error.
NOTE
Once the microprogram memory has been loaded, it can not be reloaded until the
TAS3208 has been reset.
If an error is encountered, the TAS3208 terminates its memory load operation, loads the default configuration for
both the M8051 MCU and DSP from the embedded ROM, and disables further master I2C bus operations.
If an end-of-program data block is read, the TAS3208 has completed the initial program load.
The I2C master mode utilizes the starting and ending I2C checksums to verify a proper EEPROM download. The
first 16-bit data word received from the EEPROM is the I2C checksum at subaddress 0x00. It is stored and
compared against the 16-bit data word received for last subaddress, the ending I2C checksum, and the
checksum that is computed during the download. These three values must be equal. If the read and computed
values do not match, the TAS3208 sets the memory read error bits in the Status register and repeats the
download from the EEPROM two more times. If the comparison check again fails the third time, the TAS3208
sets the microprogram to the default value.
NOTE
When acting as an I2C master, the data rate transfer is fixed at 375 kHz.
32
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com