Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907SQ-PFX6W/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907SQ-PFX6W/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907SQ-PFX6W/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3907SQ-PFX6W/NOPB Datasheet HTML 12Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 13Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 14Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 15Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 16Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 17Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 18Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 19Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
16
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Characteristics — Bucks (continued)
VIN= 3.6 V, TA = 25°C, VOUT = 1.2 V unless otherwise noted.
VOUT = 1.2 V
30-mA Load
Figure 28. Start-Up Into PFM Mode
VOUT = 3.3 V
30-mA load
Figure 29. Start-Up Into PFM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com