Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907SQ-PFX6W/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907SQ-PFX6W/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907SQ-PFX6W/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP3907SQ-PFX6W/NOPB Datasheet HTML 21Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 22Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 23Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 24Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 25Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 26Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 27Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 28Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
RDY1
t1
t2
t3
t4
t0
RDY2
Counter
delay
EN1
EN2
nPOR
Counter
delay
nPOR
Mask Time
Counter
delay
0V
Case 2:
Case 1:
Mask
Window
Mask
Window
RDY2
EN2
nPOR
Mask Time
25
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Figure 37. nPOR Mask Window
If the EN1 and RDY1 are initiated in normal operation, then nPOR is asserted and deasserted as explained in
Figure 37.
Case 1 shows the case where EN2 and RDY2 are initiated after triggered programmable delay. To prevent the
nPOR being asserted again, a masked window (5 ms) counter delay is triggered off the EN2 rising edge. nPOR
is still held HIGH for the duration of the mask, whereupon the nPOR status afterwards depends on the status of
both RDY1 and RDY2 lines.
Case 2 shows the case where EN2 is initiated after the RDY1 triggered programmable delay, but RDY2 never
goes HIGH (Buck2 never turns on). Normal operation operation of nPOR occurs wilth respect to EN1 and RDY1,
and the nPOR signal is held HIGH for the duration of the mask window. We see that nPOR goes LOW after the
masking window has timed out because it is now dependent on RDY1 and RDY2, where RDY2 is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com