Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907SQ-PFX6W/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907SQ-PFX6W/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907SQ-PFX6W/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3907SQ-PFX6W/NOPB Datasheet HTML 3Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 4Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 5Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 6Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 7Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 8Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 9Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 10Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
7
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(2)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typical) and
disengages at TJ = 140°C (typical)
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP − (RθJA × PD-MAX).
(4)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
See
(1) (2) (3)
THERMAL METRIC(4)
LP3907
UNIT
RTW
YZR
24 PINS
25 PINS
RθJA
Junction-to-ambient thermal resistance
32.7
58.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.2
0.3
°C/W
RθJB
Junction-to-board thermal resistance
11.2
8.0
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.6
°C/W
ψJB
Junction-to-board characterization parameter
11.2
8.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.4
N/A
°C/W
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
This specification is ensured by design.
(4)
VPOR is voltage at which the EPROM resets. This is different from the UVLO on VINLDO12, which is the voltage at which the
regulators shut off, and is also different from the nPOR function, which signals if the regulators are in a specified range.
7.5
General Electrical Characteristics
Unless otherwise noted, VIN = 3.6 V and TJ = 25°C.
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
VINLDO12 shutdown current
VIN = 3.6 V
3
µA
VPOR
Power-on reset threshold
VDD falling edge
(4)
1.9
V
TSD
Thermal shutdown threshold
160
°C
TSDH
Thermal shutdown hysteresis
20
°C
UVLO
Undervoltage lockout
Rising
2.9
V
Falling
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com