Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907SQ-PFX6W/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907SQ-PFX6W/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907SQ-PFX6W/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP3907SQ-PFX6W/NOPB Datasheet HTML 20Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 21Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 22Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 23Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 24Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 25Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 26Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 27Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
EN1
nPOR
RDY1
t1
t2
t3
t4
t0
EN2
RDY2
Counter
delay
Counter
delay
24
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Figure 35 shows the simplest application of the POR, where both switcher enables are tied together. In Case 1,
EN1 causes nPOR to transition LOW and triggers the nPOR delay counter. If the power supply for Buck2 does
not come on within that period, nPOR stays LOW, indicating a power fail mode. Case 2 indicates the vice versa
scenario if Buck1 supply did not come on. In both cases the nPOR remains LOW.
Case 3 shows a typical application of the POR, where both switcher enables are tied together. Even if RDY1
ramps up slightly faster than RDY2 (or vice versa), then nPOR signal triggers a programmable delay before
going HIGH, as explained below.
Figure 36. Faults Occurring in Counter Delay After Start-Up
Figure 36 details the power good with delay with respect to the enable signals EN1, and EN2. The RDY1, RDY2
are internal signals derived from the output of two comparators. Each comparator has been trimmed as follows:
COMPARATOR LEVEL
BUCK SUPPLY LEVEL
HIGH
Greater than 94%
LOW
Less than 85%
The circuits for EN1 and RDY1 is symmetrical to EN2 and RDY2, so each reference to EN1 and RDY1 also
works for EN2 and RDY2 and vice versa.
If EN1 and RDY1 signals are High at time t1, then the RDY1 signal rising edge triggers the programmable delay
counter (50
μs, 50 ms, 100 ms, 200 ms). This delay forces nPOR LOW between time interval t1 and t2. nPOR is
then pulled high after the programmable delay is completed. Now if EN2 and RDY2 are initiated during this
interval the nPOR signal ignores this event.
If either RDY1or RDY2 were to go LOW at t3 then the programmable delay is triggered again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com