Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907SQ-PFX6W/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907SQ-PFX6W/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907SQ-PFX6W/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP3907SQ-PFX6W/NOPB Datasheet HTML 28Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 29Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 30Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 31Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 32Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 33Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 34Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 35Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
32
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.6.1.7 Buck1 Target Voltage 1 Register (B1TV1) – 0x23
This register allows the user to program the output target voltage of Buck1.
D7-D5
D4-D0
Name
—
BK1_VOUT1
Access
—
R/W
Data
Reserved
Buck1 Output Voltage (V)
5’h00
Ext Ctrl
5’h01
0.80
5’h02
0.85
5’h03
0.90
5’h04
0.95
5’h05
1.00
5’h06
1.05
5’h07
1.10
5’h08
1.15
5’h09
1.20
5’h0A
1.25
5’h0B
1.30
5’h0C
1.35
5’h0D
1.40
5’h0E
1.45
5’h0F
1.50
5’h10
1.55
5’h11
1.60
5’h12
1.65
5’h13
1.70
5’h14
1.75
5’h15
1.80
5’h16
1.85
5’h17
1.90
5’h18
1.95
5’h19
2.00
5’h1A–5’h1F
2.00
Reset
000
Factory-Programmed Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com