Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907SQ-PFX6W/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907SQ-PFX6W/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907SQ-PFX6W/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP3907SQ-PFX6W/NOPB Datasheet HTML 24Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 25Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 26Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 27Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 28Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 29Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 30Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 31Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
ack from slave
w ack
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack
ack stop
ack from slave
ack from slave
SCL
start
id = K¶60
w ack
register addr = K¶10
GDWD DGGU K¶6A
ack
ack stop
SDA
rs
msb Chip Address lsb
r
ack
repeated start
data from slave
ack from master
r
id = K¶60
ack
rs
.
SCL
SDA
start
id = K¶60
w ack
addr = K¶02
DGGUHVV K¶$$ GDWD
ack
ack
stop
ack from slave
w ack
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack
ack
stop
ack from slave
ack from slave
1
2
3
4
5 6
7
8
9
1
2
3 ...
ADR6
bit7
MSB
ADR5
bit6
ADR4
bit5
ADR3
I
2C SLAVE address (chip address)
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
LSB
1
1
0
0
0
0
0
bit4
28
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Programming (continued)
NOTE
According to industry I2C standards for 7-bit addresses, the MSB of an 8-bit address is
removed, and communication actually starts with the 7th most significant bit. For the
eighth bit (LSB), a “0” indicates a WRITE and a “1” indicates a READ. The second byte
selects the register to which the data is written. The third byte contains data to write to the
selected register.
The LP3907 has factory-programmed I2C addresses. The WQFN chip has a chip address of 60'h, while the
DSBGA chip has a chip address of 61'h.
Figure 41. I2C Chip Address (see note above)
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = LP3907 WQFN chip address: 0x60; DSBGA chip address: 0x61
Figure 42. I2C Write Cycle
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in
the Read Cycle waveform.
Figure 43. I2C Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com