Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907SQ-PFX6W/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907SQ-PFX6W/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907SQ-PFX6W/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP3907SQ-PFX6W/NOPB Datasheet HTML 33Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 34Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 35Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 36Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 37Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 38Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 39Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 40Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
2 MHz
Time
Spread Spectrum
frequency
10 kHz triangle
wave
Peak frequency deviation
2 kHz triangle
wave
37
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.6.1.12 Buck2 Ramp Control Register (B2RC) - 0x2B
This register allows the user to program the rate of change between the target voltages of Buck2.
D7
D6-D4
D3-D0
Name
- - - -
- - - -
B2RS
Access
- - - -
- - - -
R/W
Data
Reserved
Reserved
Data Code
Ramp Rate mV/us
4h'0
Instant
4h'1
1
4h'2
2
4h'3
3
4h'4
4
4h'5
5
4h'6
6
4h'7
7
4h'8
8
4h'9
9
4h'A
10
4h'B - 4h'F
10
Reset
0
010
1000
8.6.1.13 Buck Function Register (BFCR) – 0x38
This register allows the Buck switcher clock frequency to be spread across a wider range, allowing for less
Electro-magnetic Interference (EMI). The spread spectrum modulation frequency refers to the rate at which the
frequency ramps up and down, centered at 2 MHz.
Figure 44. Spread Spectrum Modulation Frequency
This register also allows dynamic scaling of the nPOR Delay Timing. The LP3907 is equipped with an internal
POR circuit which monitors the output voltage levels on the buck regulators, allowing the user to more actively
monitor the power status of the chip.
The UVLO feature continuously monitor the raw input supply voltage (VINLDO12) and automatically disables the
four voltage regulators whenever this supply voltage is less than 2.8 VDC. This prevents the user from damaging
the power source (such as battery), but can be disabled if the user wishes.
Note that if the supply to VDD_M is close to 2.8 V with a heavy load current on the regulators, the chip is in
danger of powering down due to UVLO. If the user wishes to keep the chip active under those conditions, enable
the Bypass UVLO feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com