Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907SQ-PFX6W/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907SQ-PFX6W/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907SQ-PFX6W/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP3907SQ-PFX6W/NOPB Datasheet HTML 36Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 37Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 38Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 39Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 40Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 41Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 42Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 43Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
LP3907
VINLDO1
SDA
GND_L
LDO1
ENLDO1
SCL
VIN1
LDO2
SW2
FB2
VIN2
GND_SW2
ENSW1
ENSW2
VINLDO2
EN_T
ENLDO2
GND_C
AVDD
VINLDO12
DAP
0.47 PF
1 PF
1 PF
0.47 PF
2.2 PH
10 PF
10 PF
1 PF
1 PF
10 PF
GND_SW1
SW1
FB1
10 PF
2.2 PH
nPOR
VDD
100k
Copyright © 2016, Texas Instruments Incorporated
40
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP3907 provides three control methods to turn ON/OFF four power rails:
1. EN_T Control: Provides pre-defined power up/down sequence. (Note: VIN/Battery voltage must be settled
approximately 8 ms, minimum, before EN_T be asserted high).
2. Individual GPIO/EN pin control: four EN pins provide max control flexibility without I2C.
3. I2C control: besides simple ON/OFF control, also provides access to all the user programmable registers.
See Register Maps for details.
9.2 Typical Application
Figure 45. LP3907 Typical Application
9.2.1 Design Requirements
Ten ceramic capacitors and two inductors are required for this application. These three external components
must be selected very carefully for property operation. See Detailed Design Procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com