Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907SQ-PFX6W/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907SQ-PFX6W/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907SQ-PFX6W/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP3907SQ-PFX6W/NOPB Datasheet HTML 23Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 24Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 25Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 26Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 27Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 28Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 29Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 30Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
I
2
C_SDA
I
2
C_SCL
S
P
START condition
STO
P condition
I
2
C_SCL
I
2
C_SDA
data
change
allowed
data
change
allowed
data
change
allowed
data
valid
data
valid
27
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.5 Programming
8.5.1 I2C-Compatible Serial Interface
8.5.1.1 I2C Signals
The LP3907features an I2C-compatible serial interface, using two dedicated pins: SCL and SDA for I2C clock and
data respectively. Both signals need a pullup resistor according to the I2C specification. The LP3907 interface is
an I2C slave that is clocked by the incoming SCL clock.
Signal timing specifications are according to the I2C bus specification. The maximum bit rate is 400kbit/s. See I2C
specification from NXP Semiconductors for further details.
8.5.1.2 I2C Data Validity
The data on the SDA line must be stable during the HIGH period of the clock signal (SCL); for example, the state
of the data line can only be changed when CLK is LOW.
Figure 39. I2C Signals: Data Validity
8.5.1.3 I2C Start and Stop Conditions
START and STOP bits classify the beginning and the end of the I2C session. START condition is defined as the
SDA signal transitioning from HIGH to LOW while the SCL line is HIGH. STOP condition is defined as the SDA
transitioning from LOW to HIGH while the SCL is HIGH. The 2C master always generates START and STOP
bits. The I2C bus is considered to be busy after START condition and free after STOP condition. During data
transmission, I2C master can generate repeated START conditions. First START and repeated START
conditions are equivalent, function-wise.
Figure 40. Start and Stop Conditions
8.5.1.4 Transferring Data
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledged related clock pulse is generated
by the master. The transmitter releases the SDA line (HIGH) during the acknowledge clock pulse. The receiver
must pull down the SDA line during the 9th clock pulse, signifying acknowledgment. A receiver which has been
addressed must generate an acknowledgment (“ACK”) after each byte has been received.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com