Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907SQ-PFX6W/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907SQ-PFX6W/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907SQ-PFX6W/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3907SQ-PFX6W/NOPB Datasheet HTML 14Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 15Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 16Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 17Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 18Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 19Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 20Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 21Page - Texas Instruments LP3907SQ-PFX6W/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
VIN
ENLDO
VLDO
GND
+
-
VREF
LDO
Register
controlled
Copyright © 2016, Texas Instruments Incorporated
18
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 DC-DC Converters
8.3.1.1 Linear Low Dropout Regulators (LDOs)
LDO1 and LDO2 are identical linear regulators targeting analog loads characterized by low noise requirements.
LDO1 and LDO2 are enabled through the ENLDO pin or through the corresponding LDO1 or LDO2 control
register. The output voltages of both LDOs are register programmable. The default output voltages are factory
programmed during final test, which can be tailored to the specific needs of the system designer.
Figure 30. LDO Block Diagram
8.3.1.2 No-Load Stability
The LDOs remain stable and in regulation with no external load. This is an important consideration in some
circuits, for example, CMOS RAM keep-alive applications.
8.3.1.3 LDO and LDO2 Control Registers
LDO1 and LDO2 can be configured by means of the LDO1 and LDO2 control registers. The output voltage is
programmable in steps of 100 mV from 1 V to 3.5 V by programming bits D4-D0 in the LDO Control registers.
Both LDO1 and LDO2 are enabled by applying a logic 1 to the ENLDO1 and ENLDO2 pin. Enable/disable control
is also provided through enable bit of the LDO1 and LDO2 control registers. The value of the enable LDO bit in
the register is logic 1 by default. The output voltage can be altered while the LDO is enabled.
8.3.2 SW1, SW2: Synchronous Step-Down Magnetic DC-DC Converters
8.3.2.1 Functional Description
The LP3907 incorporates two high-efficiency synchronous switching buck regulators, SW1 and SW2, that deliver
a constant voltage from a single Li-Ion battery to the portable system processors. Using a voltage mode
architecture with synchronous rectification, both bucks have the ability to deliver up to 1000 mA and 600 mA,
respectively, depending on the input voltage and output voltage (voltage headroom), and the inductor chosen
(maximum current capability).
There are three modes of operation depending on the current required: PWM, PFM, and shutdown. PWM mode
handles current loads of approximately 70 mA or higher, delivering voltage precision of ±3% with 90% efficiency
or better. Lighter output current loads cause the device to automatically switch into PFM for reduced current
consumption (IQ = 15 µA typical) and a longer battery life. The standby operating mode turns off the device,
offering the lowest current consumption. PWM or PFM mode is selected automatically or PWM mode can be
forced through the setting of the buck control register.
Both SW1 and SW2 can operate up to a 100% duty cycle (PMOS switch always on) for low drop out control of
the output voltage. In this way the output voltage is controlled down to the lowest possible input voltage.
Additional features include soft-start, undervoltage lockout, current overload protection, and thermal overload
protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com