Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5902 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 20Page - National Semiconductor (TI) CLC5902 Datasheet HTML 21Page - National Semiconductor (TI) CLC5902 Datasheet HTML 22Page - National Semiconductor (TI) CLC5902 Datasheet HTML 23Page - National Semiconductor (TI) CLC5902 Datasheet HTML 24Page - National Semiconductor (TI) CLC5902 Datasheet HTML 25Page - National Semiconductor (TI) CLC5902 Datasheet HTML 26Page - National Semiconductor (TI) CLC5902 Datasheet HTML 27Page - National Semiconductor (TI) CLC5902 Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Rev. 3.05 May 27, 1999
26
©1999 National Semiconductor Corporation
EQ. 9
The term GL in this equation is the loop gain,
EQ. 10
The design equations are obtained by solving Equation 9
for GL and Equation 10 for
. AGC_LOOP_GAIN is
a control register value that determines the number of bits
to shift the output of the RAM down by. This allows some
of the loop gain to be moved out of the RAM so that the
full output range of the table is utilized but not exceeded.
The valid range for AGC_LOOP_GAIN is from 0 to 3
which corresponds to a 1 to 4 bit shift left.
An example set of numbers to implement a loop having a
reference of 6dB below full scale, a deadband of 8dB, and
a loop gain of 0.108 is:
-102 -102 -88 -80 -75 -70 -66
-63 -61 -56 -53 -50
-47 -42 -39 -36 -33 -29 -25
-22 -19 -15 -11
0
0
0
0
0
0
13
17
20
These values are shown plotted in Figure 35 with respect
to the table addresses in (a), and the CIC filter output
P OUT in ( b ). F o r a 52M H z c l oc k ra t e a n d
AGC_LOOP_GAIN=2, these values result in a loop time
constant of
.
The error signal from the loop gain “SHIFT DOWN” cir-
cuit is gated into the loop integrator. The gate is controlled
by a timing and control circuit discussed in the next para-
graph. A MUX within the integrator feedback allows the
integrator to be initialized to the value loaded into
AGC_IC_A (channel B can be set independently). The
conditions under which it is initialized are configured in
the registers associated with the timing and control circuit.
The top eight bits of the integrator output can also be read
back over t h e mi croproce ssor i n te rface from t h e
AGC_RB_A (or AGC_RB_B) register. The top 3 bits
below the sign become AGAIN and are output along with
ASTROBE signal on the DVGA interface pins. The valid
range of AGAIN is from 0 to 7 which corresponds to a
valid range of 0 to 210-1 for the 11-bit, 2’s complement
integrator output from which AGAIN is derived. This is
illustrated in Figure 36. The integrator saturates at these
limits to prevent overshoots as the integrator attempts to
enter the valid range. The AGAIN value is inverted (EXP)
and used to adjust the gain of the incoming signal to pro-
vide a linear output dynamic range. The relationship
between the DVGA analog gain (AGAIN) and the
“FIXED TO FLOAT CONVERTER” digital gain (EXP) is
shown in Table 7. The DVGA’s compression of the incom-
ing signal in the analog domain vs. the subsequent expan-
sion in the digital domain is shown in Figure 30.
Several control bits allow the user to configure a variety of
AGC algorithms. The AGC may free run by setting
AGC_FORCE high and AGC_HOLD_IC low. If a burst
start pulse is available and sent to the AGC_EN pin, the
τ
8
F
CK
---------- 1
G
L
-------
1
2
---
+


.
=
G
L
6.02 S
RAM
2
AGC_LOOP_GAIN
4
–
()
.
⋅⋅
–
=
S
RAM
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
20
0
5
10
15
20
25
30
-120
-100
-80
-60
-40
-20
0
20
ADDRESS
POUT (dB)
(a)
(b)
Figure 35
Example of programmed RAM contents
1.5
µs
0
1x27
2x27
3x27
4x27
5x27
6x27
7x27
8x27
Integrator Output
0
1
2
3
4
5
6
7
The min integrator
output must be
limited to 0 so that
the sign of AGAIN
is positive
For this range to be
the same size as all
others, the max
integrator output must
be limited to 8x27-1
=210-1
Figure 36
AGC integrator output limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com