Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5902 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5902 Datasheet HTML 1Page - National Semiconductor (TI) CLC5902 Datasheet HTML 2Page - National Semiconductor (TI) CLC5902 Datasheet HTML 3Page - National Semiconductor (TI) CLC5902 Datasheet HTML 4Page - National Semiconductor (TI) CLC5902 Datasheet HTML 5Page - National Semiconductor (TI) CLC5902 Datasheet HTML 6Page - National Semiconductor (TI) CLC5902 Datasheet HTML 7Page - National Semiconductor (TI) CLC5902 Datasheet HTML 8Page - National Semiconductor (TI) CLC5902 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
©1999 National Semiconductor Corporation
3
Rev. 3.05 May 27, 1999
DC Characteristics
AC Characteristics
CLC5902 Electrical Characteristics
(VCC=+3.3V, 52MHz, CIC Decimation=48, F2 Decimation=2, Tmin=-40°C, Tmax=+85°C; unless specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Notes
Voltage input low
VIL
-0.5
0.8
V
1
Voltage input high
VIH
2.0
VCC+0.5
V
1
Input current
IIN
10
uA
1
Voltage output low (IOL = 4mA/12mA, see pin description)
VOL
0.4
V
1
Voltage output high (IOH = -4mA/-12mA, see pin description)
VOH
2.4
V
1
Input capacitance
CIN
4.0
pF
3
PARAMETER (CL=50pF)
SYMBOL
MIN
TYP
MAX
UNITS
Notes
Clock (CK) Frequency (Figure 7)
FCK
52
MHz
1
Spurious Free Dynamic Range
SFDR
-100
dBFS
Signal to Noise Ratio
SNR
-127
dBFS
Tuning Resolution
0.02
Hz
Phase Resolution
0.005
°
MR Active Time (Figure 5)
tMRA
4
CK periods
1
MR Inactive to first Control Port Access (Figure 5)
tMRIC
10
CK periods
1
MR Setup Time to CK (Figure 5)
tMRSU
9ns
1
MR Hold Time to CK (Figure 5)
tMRH
2ns
1
MR Inactive to A|BSTROBE Release (Figure 5)
tMRSR
17
ns
SI Setup Time to CK (Figure 6)
tSISU
9ns
1
SI Hold Time from CK (Figure 6)
tSIH
2ns
1
SI Pulse Width (Figure 6)
tSIW
4
CK periods
1
SI Inactive to A|BSTROBE Release (Figure 6)
tSISR
17
ns
CK duty cycle (Figure 7)
tCKDC
40
60
%
1
CK rise and fall times (VIL to VIH) (Figure 7)
tRF
3ns
1
Input setup before CK goes high (A|BIN) (Figure 7)
tSU
7ns
1
Input hold time after CK goes high (Figure 7)
tHD
3ns
1
A|BSTROBE Pulse Width (Figure 8)
tSTBPW
1
CK period
2
A|BGAIN Valid Setup before A|BSTROBE (Figure 8)
tGSU
1
CK period
2
AGC_EN Active Width (Figure 8)
tENW
2
CK periods
1
SCK to SFS Valid (Table Note A) (Figure 9)
tSFSV
07
ns
1
SCK to A|BOUT Valid (Table Note B) (Figure 9)
tOV
07
ns
1
RDY Pulse Width (Figure 9)
tRDYW
4
CK periods
1
POUT_EN Active to POUT[15..0] Valid (Figure 10)
tOENV
15
ns
1
POUT_EN Inactive to POUT[15..0] Tri-State (Figure 10)
tOENT
15
ns
1
PSEL[2..0] to POUT[15..0] Valid (Figure 11)
tSELV
20
ns
1
RDY to POUT[15..0] New Value Valid (Table Note C) (Figure 12)
tRDYV
10
ns
1
Propagation Delay TCK to TDO (Figure 13)
tPLH
30
ns
1
Propagation Delay TCK to Data Out (Figure 13)
tPHL
35
ns
1
Disable Time TCK to TDO (Figure 13)
tPLZ
35
ns
1
Disable Time TCK to Data Out (Figure 13)
tPHZ
35
ns
1
Enable Time TCK to TDO (Figure 13)
tPZL
035
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com