Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5902 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 14Page - National Semiconductor (TI) CLC5902 Datasheet HTML 15Page - National Semiconductor (TI) CLC5902 Datasheet HTML 16Page - National Semiconductor (TI) CLC5902 Datasheet HTML 17Page - National Semiconductor (TI) CLC5902 Datasheet HTML 18Page - National Semiconductor (TI) CLC5902 Datasheet HTML 19Page - National Semiconductor (TI) CLC5902 Datasheet HTML 20Page - National Semiconductor (TI) CLC5902 Datasheet HTML 21Page - National Semiconductor (TI) CLC5902 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Rev. 3.05 May 27, 1999
18
©1999 National Semiconductor Corporation
Output Modes
After processing by the DDC, the data is then formatted
for output.
Note
All output data is two’s complement.
Output formats include truncation to 8 or 32 bits, rounding
to 16 or 24 bits, and a 12-bit floating point format (4-bit
exponent, 8-bit mantissa, 138dB numeric range). This
function is performed in the OUTPUT CIRCUIT shown in
Figure 28.
The channel outputs are accessible through serial output
pins and a 16-bit parallel output port. The RDY pin is pro-
vided to notify the user that a new output sample period
(OSP) has begun. OSP refers to the interval between out-
put samples at the decimated output rate. For example, if
the input rate (and clock rate) is 52 MHz and the overall
decimation factor is 192 (N=48, F2 decimation=2) the
OSP will be 3.69 microseconds which corresponds to an
output sample rate of 270.83kHz. An OSP starts when a
sample is ready and stops when the next one is ready.
Note
The serial outputs power up in a tri-state
condition and must be enabled when the chip
is configured. Parallel outputs are enabled by
the POUT_EN pin.
Serial Outputs
The CLC5902 provides a serial clock (SCK), a frame
strobe (SFS) and two data lines (AOUT and BOUT) to
output serial data. The MUX_MODE control register
specifies whether the two channel outputs are transmitted
on two separate serial pins, or multiplexed onto one pin in
a time division multiplexed (TDM) format. Separate out-
put pins are not provided for the I and Q halves of com-
plex data. The I and Q outputs are always multiplexed
onto the same serial pin. The I-component is output first,
followed by the Q-component. By setting the PACKED
mode bit to ‘1’ a complex pair may be treated as a single
double-wide word. The RDY signal is used to identify the
first word of a complex pair of the TDM formatted output.
The TDM modes are summarized in Table 2.
The serial outputs use the format shown in Figure 29. Fig-
ure 29(a) shows the standard output mode (the PACKED
mode bit is low). The chip clocks the frame and data out of
the chip on the rising edge of SCK (or falling edge if the
SCK_POL bit in the input control register is set high).
Data should be captured on the falling edge of SCK (ris-
ing if SCK_POL=1). The chip sends the I data first by set-
ting SFS high (or low if SFS_POL in the input control
register is set high) for one clock cycle, and then transmit-
ting the data, MSB first, on as many SCK cycles as are
necessary. Without a pause, the Q data is transferred next
as shown in Figure 29(a). If the PACKED control bit is
high, then the I and Q components are sent as a double
length word with only one SFS strobe as shown in Figure
29(b). If both channels are multiplexed out the same serial
pin, then the subsequent I/Q channel words will be trans-
mitted immediately following the first I/Q pair as shown
in Figure 29(c). Figure 29(c) also shows how the RDY
signal can be used to identify the I and Q channels in the
TDM serial transmission.The serial output rate is pro-
grammable using the RATE register as a integer division
of the input clock, the division ratio ranging from 1 to 256.
The serial interface will not work properly if the pro-
grammed rate of SCK is insufficient to clock out all the
bits in one OSP.
Serial Port Output Number Formats
Several numeric formats are selectable using the FOR-
MAT control register. The I/Q samples can be rounded to
16 or 24 bits, or truncated to 8 bits. The packed mode
works as described above for these fixed point formats. A
floating point format with 138dB of dynamic range in 12
bits is also provided. The mantissa (m) is 8 bits and the
exponent (e) is 4 bits. The MSB of each segment is trans-
DIVIDE
BY
BOUT
AOUT
16
RATE
POUT_SEL[2..0]
POUT[15..0]
POUT_EN
CK
SCK
3
RDY
MUX
RDY_POL, SCK_POL, SFS_POL
Figure 28
CLC5902 output circuit
SFS
SCK
MUX_MODE
SERIAL OUTPUTS
AOUT
BOUT
0
OUTA
OUTB
1
OUTA, OUTB
LOW
Table 2
TDM Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com