Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5902 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC5902 Datasheet HTML 1Page - National Semiconductor (TI) CLC5902 Datasheet HTML 2Page - National Semiconductor (TI) CLC5902 Datasheet HTML 3Page - National Semiconductor (TI) CLC5902 Datasheet HTML 4Page - National Semiconductor (TI) CLC5902 Datasheet HTML 5Page - National Semiconductor (TI) CLC5902 Datasheet HTML 6Page - National Semiconductor (TI) CLC5902 Datasheet HTML 7Page - National Semiconductor (TI) CLC5902 Datasheet HTML 8Page - National Semiconductor (TI) CLC5902 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Rev. 3.05 May 27, 1999
2
©1999 National Semiconductor Corporation
Functional Description.
The CLC5902 block diagram is shown in Figure 2. The
CLC5902 contains two identical digital down-conversion
(DDC) circuits. Each DDC accepts a 14-bit sample at up
to 52MSPS, down converts from a selected carrier fre-
quency to baseband, decimates the signal rate by a pro-
grammable factor ranging from 32 to 16384, provides
channel filtering, and outputs quadrature symbols.
A crossbar switch enables either of the two inputs or a test
register to be routed to either DDC channel. Flexible chan-
nel filtering is provided by the two programmable deci-
mating FIR filters. The final filter outputs can be
converted to a 12-bit floating point format or standard
two’s complement format. The output data is available at
both serial and parallel ports.
The CLC5902 maintains over 100 dB of spurious free
dynamic range and over 100 dB of out-of-band rejection.
This allows considerable latitude in channel filter parti-
tioning between the analog and digital domains.
The frequencies, phase offsets, and phase dither of the two
sine/cosine numerically controlled oscillators (NCOs) can
be independently specified. Both channels share the same
decimation ratio, bandwidth, filter coefficients, and input/
output formats.
Each channel has its own AGC circuit for use with nar-
rowband radio channels where most of the channel filter-
ing precedes the ADC. The AGC closes the loop around
the CLC5526 DVGA, compressing the dynamic range of
the signal into the ADC. The AGC can be configured to
operate continuously or in a gated mode. The two AGC
circuits operate independently but share the same pro-
grammed parameters and control signals.
The chip receives configuration and control information
over a microprocessor-compatible bus consisting of an 8-
bit data I/O port, an 8-bit address port, a chip enable
strobe, a read strobe, and a write strobe. The chip’s control
registers (8 bits each) are memory mapped into the 8-bit
address space of the control port.
JTAG boundary scan and on-chip diagnostic circuits are
provided to simplify system debug and test.
The CLC5902 supports 3.3V I/O. The CLC5956 ADC
outputs are compatible with the CLC5902 inputs. The
CLC5902 outputs swing to the 3.3V rail so they can be
directly connected to 5V TTL inputs if desired.
Figure 2
CLC5902 Dual Digital Tuner/AGC Block Diagram with Control Register Associations
AIN
BIN
MUX
MUX
Channel A
Tuning,
Channel Filters, and
AGC (see Figure 14)
Channel B
Tuning,
Channel Filters, and
AGC (see Figure 14)
Input Source
Output Controls
Output Formatter
Floating Point:
32-bit Truncated or
24-bit Rounded or
16-bit Rounded or
8-bit Truncated
Two’s Complement:
4-bit Exponent and
8-bit Mantissa
or
AOUT/BOUT
BOUT
SCK
SFS
RDY
POUT[15..0]
PSEL[2..0]
POUT_EN
A_SOURCE
B_SOURCE
RATE
SOUT_EN
SCK_POL
SFS_POL
RDY_POL
MUX_MODE
PACKED
FORMAT
DEBUG_EN
DEBUG_TAP
CK
CLK
GEN
TEST_REG
Channel B Controls
GAIN_B
FREQ_B
PHASE_B
AGC_IC_B
AGC_RB_B
DITH_B
AGC_EN
Channel A Controls
GAIN_A
FREQ_A
PHASE_A
AGC_IC_A
AGC_RB_A
DITH_A
Common Channel Controls
DEC_BY_4
SCALE
EXP_INH
AGC_FORCE
AGC_RESET_EN
AGC_HOLD_IC
AGC_LOOP_GAIN
AGC_COUNT
AGC_TABLE
F1_COEFF
F2_COEFF
AGAIN[2..0]
ASTROBE
BGAIN[2..0]
BSTROBE
Microprocessor
Interface
RD
WR
CE
A[7:0]
D[7:0]
SI
MR
Sync
Logic
14
14
DEC
(see Figure 26)
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com