Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5902 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5902 Datasheet HTML 1Page - National Semiconductor (TI) CLC5902 Datasheet HTML 2Page - National Semiconductor (TI) CLC5902 Datasheet HTML 3Page - National Semiconductor (TI) CLC5902 Datasheet HTML 4Page - National Semiconductor (TI) CLC5902 Datasheet HTML 5Page - National Semiconductor (TI) CLC5902 Datasheet HTML 6Page - National Semiconductor (TI) CLC5902 Datasheet HTML 7Page - National Semiconductor (TI) CLC5902 Datasheet HTML 8Page - National Semiconductor (TI) CLC5902 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©1999 National Semiconductor Corporation
Rev. 3.05 May 27, 1999
May 1999
N
CLC5902
Dual Digital Tuner/AGC
0
0
General Overview
The CLC5902 Dual Digital Tuner/AGC IC is a two channel digital
downconverter (DDC) with integrated automatic gain control
(AGC). The CLC5902 is a key component in the Diversity
Receiver Chipset (DRCS) which includes one CLC5902 Dual
Digital Tuner/AGC, two CLC5956 12-bit analog-to-digital
converters (ADCs), and two CLC5526 digitally controlled variable
gain amplifiers (DVGAs). A block diagram for a Diversity
Receiver Chipset based narrowband communications system is
shown in Figure 1. This system allows direct IF sampling of signals
up to 300MHz for enhanced receiver performance and reduced
system costs.
The CLC5902 offers high dynamic range digital tuning and
filtering based on hard-wired digital signal processing (DSP)
technology. Each channel has independent tuning, phase offset, and
gain settings. Channel filtering is performed by a series of three
filters. The first is a 4-stage Cascaded Integrator Comb (CIC) filter
with a programmable decimation ratio from 8 to 2048. Next there
are two symmetric FIR filters, a 21-tap and a 63-tap, both with
programmable coefficients. The first FIR filter decimates the data
by 2, the second FIR decimates by either 2 or 4. Channel filter
bandwidth at 52MSPS ranges from ±650kHz down to ±1.3kHz.
The CLC5902’s AGC controller monitors the ADC output and
controls the ADC input signal level by adjusting the DVGA setting.
AGC threshold, deadband+hysteresis, and the loop time constant
are user defined. Total dynamic range of greater than 120dB full-
scale signal to noise can be achieved with the Diversity Receiver
Chipset.
Figure 1
Diversity Receiver Chipset Block Diagram
DVGA
ADC
IF A
SerialOutA/B
SerialOutB
SCK
SFS
RDY
LC
DVGA
ADC
IF B
LC
ParallelOutput[15..0]
ParallelOutputEnable
ParallelSelect[2..0]
Dual Digital
CLC5526
CLC5956
CLC5902
CLK
Tuner/AGC
12
4
12
Features
n 52MSPS Operation
n Two Independent Channels with
14-bit inputs
n Greater than 100 dB image rejec-
tion
n Greater than 100 dB spurious free
dynamic range
n 0.02 Hz tuning resolution
n User Programmable AGC
n Channel Filters include a Fourth
Order CIC followed by 21-tap and
63-tap Symmetric FIRs
n FIR filters process 21-bit Data
with 16-bit Programmable Coeffi-
cients
n Flexible output formats include
12-bit Floating Point or 8, 16, 24,
and 32 bit Fixed Point
n Serial and Parallel output ports
n JTAG Boundary Scan
n 8-bit Microprocessor Interface
n 380mW/channel, 52 MHz, 3.3V
n 128 pin PQFP package
Applications
n Cellular Basestations
n Satellite Receivers
n Wireless Local Loop Receivers
n Digital Communications


Similar Part No. - CLC5902

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5903 NSC-CLC5903 Datasheet
698Kb / 29P
Dual Digital Tuner / AGC
logo
Texas Instruments
CLC5903 TI1-CLC5903 Datasheet
737Kb / 31P
Dual Digital Tuner/AGC
logo
National Semiconductor ...
CLC5903SM NSC-CLC5903SM Datasheet
698Kb / 29P
Dual Digital Tuner / AGC
logo
Texas Instruments
CLC5903SM/NOPB TI1-CLC5903SM/NOPB Datasheet
737Kb / 31P
Dual Digital Tuner/AGC
logo
National Semiconductor ...
CLC5903VLA NSC-CLC5903VLA Datasheet
698Kb / 29P
Dual Digital Tuner / AGC
More results

Similar Description - CLC5902

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
Satellite Tuner Front End LNA with AGC
logo
National Semiconductor ...
CLC5903 NSC-CLC5903 Datasheet
698Kb / 29P
Dual Digital Tuner / AGC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
SATELLITE TUNER FRONT END LNA WITH AGC
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
Cable Tuner Front End LNA with AGC
logo
Synaptics Incorporated.
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
Digital Satellite Dual Tuner RF IC
logo
National Semiconductor ...
LM97593 NSC-LM97593 Datasheet
3Mb / 50P
Dual ADC / Digital Tuner / AGC
logo
Infineon Technologies A...
TUA6039-2 INFINEON-TUA6039-2 Datasheet
1Mb / 64P
3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.6, August 2007
TUA6039F-2 INFINEON-TUA6039F-2 Datasheet
1Mb / 62P
3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.0, July 2007
logo
Texas Instruments
CLC5903 TI1-CLC5903 Datasheet
737Kb / 31P
Dual Digital Tuner/AGC
LM97593 TI1-LM97593 Datasheet
4Mb / 62P
Dual ADC / Digital Tuner / AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com