Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5902 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 3Page - National Semiconductor (TI) CLC5902 Datasheet HTML 4Page - National Semiconductor (TI) CLC5902 Datasheet HTML 5Page - National Semiconductor (TI) CLC5902 Datasheet HTML 6Page - National Semiconductor (TI) CLC5902 Datasheet HTML 7Page - National Semiconductor (TI) CLC5902 Datasheet HTML 8Page - National Semiconductor (TI) CLC5902 Datasheet HTML 9Page - National Semiconductor (TI) CLC5902 Datasheet HTML 10Page - National Semiconductor (TI) CLC5902 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
©1999 National Semiconductor Corporation
7
Rev. 3.05 May 27, 1999
Pin Descriptions
Signal
Pin
DESCRIPTION
MR
45
MASTER RESET, Active low
Resets all registers within the chip. ASTROBE and BSTROBE are asserted during MR.
AIN[13:0],
BIN[13:0]
4:10,12:18
22:28,30:36
INPUT DATA, Active high
2’s complement input data. AIN[13] and BIN[13] are the MSBs. The data is clocked into the chip on the
rising edge of the clock (CK). The CLC595X connects directly to these input pins with no additional logic.
AOUT
BOUT
(12mA drive)
82
78
SERIAL OUTPUT DATA, Active high
The 2’s complement serial output data is transmitted on these pins, MSB first. The output bits change on
the rising edge of SCK (falling edge if SCK_POL=1) and should be captured on the falling edge of SCK
(rising if SCK_POL=1). These pins are tri-stated at power up and are enabled by the SOUT_EN control
register bit. See Figure 9 and Figure 29 timing diagrams. In Debug Mode AOUT=DEBUG[1],
BOUT=DEBUG[0].
AGAIN[2:0],
BGAIN[2:0]
125:127
40:42
OUTPUT DATA TO DVGA, Active high
3 bit bus that sets the gain of the DVGA determined by the AGC circuit.
ASTROBE,
BSTROBE
124
43
DVGA STROBE, Active low
Strobes the data into the DVGA. See Figure 8 and Figure 33 timing diagrams.
SCK
(12mA drive)
80
SERIAL DATA CLOCK, Active high or low
The serial data is clocked out of the chip by this clock. The active edge of the clock is user programmable.
This pin is tri-stated at power up and is enabled by the SOUT_EN control register bit. See Figure 9 and Fig-
ure 29 timing diagrams. In Debug Mode outputs an appropriate clock for the debug data.
SFS
(12mA drive)
81
SERIAL FRAME STROBE, Active high or low
The serial word strobe. This strobe delineates the words within the serial output streams. This strobe is a
pulse at the beginning of each serial word (PACKED=0) or each serial word I/Q pair (PACKED=1). The
polarity of this signal is user programmable. This pin is tri-stated at power up and is enabled by the
SOUT_EN control register bit. See Figure 9 and Figure 29 timing diagrams. In Debug Mode
SFS=DEBUG[2].
POUT[15:0]
(12mA drive)
84,86:88,90,91,
93:97,104:106,
108,109
PARALLEL OUTPUT DATA, Active high
The output data is transmitted on these pins in parallel format. The POUT_SEL[2..0] pins select one of
eight 16-bit output words. The POUT_EN pin enables these outputs. POUT[15] is the MSB. In Debug
Mode POUT[15..0]=DEBUG[19..4].
POUT_SEL[2:0]
112:114
PARALLEL OUTPUT DATA SELECT, Active high
The 16-bit output word is selected with these 3 pins according to Table 3. Not used in Debug Mode.
POUT_EN
111
PARALLEL OUTPUT ENABLE. Active low
This pin enables the chip to output the selected output word on the POUT[15:0] pins. Not used in Debug
Mode.
RDY
(12mA drive)
77
READY FLAG, Active high or low
The chip asserts this signal to identify the beginning of an output sample period (OSP). The polarity of this
signal is user programmable. This signal is typically used as an interrupt to a DSP chip, but can also be used
as a start pulse to dedicated circuitry. This pin is active regardless of the state of SOUT_EN. In Debug
Mode RDY=DEBUG[3].
CK
20
INPUT CLOCK. Active high
The clock input to the chip. The AIN, BIN, and SI input signals are clocked into the chip on the rising edge
of this clock.
SI
46
SYNC IN. Active low
The sync input to the chip. The decimation counters, dither, and NCO phase can be synchronized by SI.
This sync is clocked into the chip on the rising edge of the input clock (CK). Tie this pin high if external
sync is not required. All sample data is flushed by SI. To properly initialize the DVGA ASTROBE and
BSTROBE are asserted during SI.
D[7:0]
(12mA drive)
62,63,69:73,75
DATA BUS. Active high
This is the 8 bit control data I/O bus. Control register data is loaded into the chip or read from the chip
through these pins. The chip will only drive output data on these pins when CE is low, RD is low, and WR
is high.
Table 1
CLC5902 Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com