Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5902 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 9Page - National Semiconductor (TI) CLC5902 Datasheet HTML 10Page - National Semiconductor (TI) CLC5902 Datasheet HTML 11Page - National Semiconductor (TI) CLC5902 Datasheet HTML 12Page - National Semiconductor (TI) CLC5902 Datasheet HTML 13Page - National Semiconductor (TI) CLC5902 Datasheet HTML 14Page - National Semiconductor (TI) CLC5902 Datasheet HTML 15Page - National Semiconductor (TI) CLC5902 Datasheet HTML 16Page - National Semiconductor (TI) CLC5902 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
©1999 National Semiconductor Corporation
13
Rev. 3.05 May 27, 1999
The “FLOAT TO FIXED CONVERTER” circuit expands
the dynamic range compression performed by the DVGA.
Signals from this point onward extend across the full
dynamic range of the signals applied to the DVGA input.
This allows the AGC to operate continuously through a
burst without producing artifacts in the signal due to the
settling response of the decimation filters after a 6dB
DVGA gain adjustment. For example, if the DVGA input
signal were to increase causing the ADC output level to
cross the AGC threshold level, the gain of the DVGA
would change by -6dB. The 6dB step is allowed to propa-
gate through the ADC and mixers and is compensated out
just before the filtering. The accuracy of the compensation
is dependent on the accuracy of the DVGA gain step. This
operating mode requires 21 bits (14-bit ADC output + 7-
bit shift) to represent the full linear dynamic range of the
signal. The output word must be set to either 24-bit or 32-
bit to take advantage of the entire dynamic range avail-
able. The CLC5902 can also be configured to output a
floating point format with up to 138dB of numerical reso-
lution using only 12 output bits.
The “SHIFT UP” circuit will be discussed in the Four
Stage CIC filter section on page 14.
A 4-stage cascaded-integrator-comb (CIC) filter and a
two-stage decimate by 4 or 8 finite impulse response (FIR)
filter are used to lowpass filter and isolate the desired sig-
nal. The CIC filter reduces the sample rate by a program-
mable factor ranging from 8 to 2048 (decimation ratio).
The CIC outputs are followed by a gain stage and then fol-
lowed by a two-stage decimate by 4 or 8 filter. The gain
circuit allows the user to boost the gain of weak signals by
up to 42 dB in 6 dB steps. It also rounds the signal to 21
bits and saturates at plus or minus full scale.
The first stage of the two stage filter is a 21-tap, symmetric
decimate by 2 FIR filter (F1) with programmable 16 bit
tap weights. The coefficients of the first 11 taps are down-
loaded to the chip as 16 bit words. Since the filter is a sym-
metric configuration only the first 11 coefficients must be
loaded. The F1 section on page 15 provides a generic set
of coefficients that compensate for the rolloff of the CIC
filter and provide a passband flat to 0.01dB with 70 dB of
out of band rejection. A second coefficient set is provided
that has a narrower output passband and greater out-of-
band rejection. The second set of coefficients is ideal for
systems such as GSM where far-image rejection is more
important than adjacent channel rejection.
The second stage is a 63 tap decimate by 2 or 4 program-
mable FIR filter (F2) also with 16 bit tap weights. Filter
coefficients for a flat response from -0.4FS to +0.4FS of
the output sample rate with 80dB of out of band rejection
are provided in the F2 section. A second set of F2 coeffi-
cients is also provided to enhance performance for GSM
systems. The user can also design and download their own
final filter to customize the channel’s spectral response.
Typical uses of programmable filter F2 include matched
(root-raised cosine) filtering, or filtering to generate over-
sampled outputs with greater out of band rejection. The 63
tap symmetrical filter is downloaded into the chip as 32
words, 16 bits each. Saturation to plus or minus full scale
is performed at the output of F1 and F2 to clip the signal
rather than allow it to roll over.
The Numerically Controlled Oscillator
The tuning frequency of each down converter is specified
as a 32 bit word (.02Hz resolution at CK=52MHz) and the
phase offset is specified as a 16 bit word (.005°). These
two parameters are applied to the Numerically Controlled
(a) Before Phase Dithering
(b) After Phase Dithering
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-160
-140
-120
-100
-80
-60
-40
-20
0
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-160
-140
-120
-100
-80
-60
-40
-20
0
Frequency Normalized to FS
Frequency Normalized to FS
Figure 16
Example of NCO spurs due to phase truncation
Complex NCO Output
Complex NCO Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com