Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5902 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 4Page - National Semiconductor (TI) CLC5902 Datasheet HTML 5Page - National Semiconductor (TI) CLC5902 Datasheet HTML 6Page - National Semiconductor (TI) CLC5902 Datasheet HTML 7Page - National Semiconductor (TI) CLC5902 Datasheet HTML 8Page - National Semiconductor (TI) CLC5902 Datasheet HTML 9Page - National Semiconductor (TI) CLC5902 Datasheet HTML 10Page - National Semiconductor (TI) CLC5902 Datasheet HTML 11Page - National Semiconductor (TI) CLC5902 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Rev. 3.05 May 27, 1999
8
©1999 National Semiconductor Corporation
A[7:0]
48,50,52:57
ADDRESS BUS. Active high
These pins are used to address the control registers within the chip. Each of the control registers within the
chip are assigned a unique address in a flat address space. A control register can be written to or read from
by setting A[7:0] to the register’s address.
RD
59
READ ENABLE. Active low
This pin enables the chip to output the contents of the selected register on the D[7:0] pins when CE is also
low.
WR
58
WRITE ENABLE. Active low
This pin enables the chip to write the value on the D[7:0] pins into the selected register when CE is also
low. This pin can also function as RD/WR if RD is held low.
CE
60
CHIP ENABLE. Active low
This control strobe enables the read or write operation. The contents of the register selected by A[7:0] will
be output on D[7:0] when RD is low and CE is low. If WR is low and CE is low, then the selected register
will be loaded with the contents of D[7:0].
AGC_EN
44
AGC ENABLE. Active low
When enabled this pin starts the AGC counter. The AGC will operate until the counter decrements to zero
then the AGC holds the last setting.
TDO
116
TEST DATA OUT. Active high
TDI
117
TEST DATA IN. Active high with pull-up
TMS
118
TEST MODE SELECT. Active high with pull-up
TCK
119
TEST CLOCK. Active high
TRST
121
RESET. Active low with pull-up
Asynchronous reset for TAP controller. Tie low or to MR if JTAG is not used.
SCAN_EN
122
SCAN ENABLE. Active low with pull-up
Enables access to internal scan registers. Tie high. Used for manufacturing test only!
VSS
3,19,29,37,47,51,
61,68,76,83,89,
98,103,110,120
Ground. Quantity 15.
VDD
11,21,39,49,64,
74,79,85,92,107,
115,128
Power. Quantity 12.
Signal
Pin
DESCRIPTION
Table 1
CLC5902 Pin Descriptions
Timing Diagrams
Figure 5
CLC5902 Master Reset Timing
CK
tMRH
tMRA
tMRSU
tMRIC
MR
RD
or WR
A|BSTROBE
tMRSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com