Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5902 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5902
Description  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button CLC5902 Datasheet HTML 13Page - National Semiconductor (TI) CLC5902 Datasheet HTML 14Page - National Semiconductor (TI) CLC5902 Datasheet HTML 15Page - National Semiconductor (TI) CLC5902 Datasheet HTML 16Page - National Semiconductor (TI) CLC5902 Datasheet HTML 17Page - National Semiconductor (TI) CLC5902 Datasheet HTML 18Page - National Semiconductor (TI) CLC5902 Datasheet HTML 19Page - National Semiconductor (TI) CLC5902 Datasheet HTML 20Page - National Semiconductor (TI) CLC5902 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
©1999 National Semiconductor Corporation
17
Rev. 3.05 May 27, 1999
Overall Channel Gain
The overall gain of the chip is a function of the amount of
decimation (N), the settings of the “SHIFT UP” circuit
(SCALE), the GAIN setting, the sum of the F1 coeffi-
cients, and the sum of the F2 coefficients. The overall gain
is shown below in Equation 2.
EQ. 2
Where:
EQ. 3
and:
EQ. 4
It is assumed that the DDC output words are treated as
fractional 2’s complement words. The numerators of
and
equal the sums of the impulse response coeffi-
cients of F1 and F2, respectively. For the STD and GSM
sets,
and
are nearly equal to unity. Observe that
the
term in EQ. 2 is cancelled by the DVGA oper-
ation so that the entire gain of the DRCS is independent of
the DVGA setting when EXP_INH=0. The
appearing in
EQ. 2 is the result of the 6dB conversion loss in the mixer.
For full-scale square wave inputs the
should be set to 1
to prevent signal distortion.
Data Latency and Group Delay
The latency from a sync event to data output is approxi-
mately 8N CK periods for F2 decimation by 2 and 24N
CK periods for F2 decimation by 4. Actual non-zero data
output can be further delayed depending on the F1 and F2
filter coefficients.
Group Delay is approximately 90N CK periods for F2
decimation by 2 or 4.
Figure 25
CIC, F1, & F2 STD Passband Flatness
0
50
100
150
200
250
−0.1
−0.08
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.1
Combined Frequency Response of CIC/F1/F2 Using STD Set
Frequency (KHz)
Figure 26
CIC, F1, & F2 GSM frequency response
0
500
1000
1500
2000
2500
3000
−100
−80
−60
−40
−20
0
Combined Frequency Response of CIC/F1/F2 Using GSM Set
Frequency (KHz)
FCK = 52MHz
Decimation = 192
OFS = 270.83kHz
Figure 27
CIC, F1, & F2 GSM Passband Flatness
0
20
40
60
80
100
−2
−1.5
−1
−0.5
0
0.5
1
Combined Frequency Response of CIC/F1/F2 Using GSM Set
Frequency (KHz)
G
DDC
1
2
--- DEC
1
+
()
4
2
SCALE
44
–
AGAIN
1
EXP_INH
–
()
⋅
–
[]
2
GAIN
G
F1
G
F2
⋅
⋅
⋅⋅
=
G
F1
h
1 i
()
i
1
=
21
∑
2
16
----------------------
=
G
F2
h
2 i
()
i
1
=
63
∑
2
16
----------------------
=
G
F1
G
F2
G
F1
G
F2
AGAIN
1
2
---
1
2
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com